Electronic Components Datasheet Search
  English  ▼

X  

OP191 Datasheet(PDF) 68 Page - Analog Devices

Part # OP191
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 68 Page - Analog Devices

Back Button OP191 Datasheet HTML 64Page - Analog Devices OP191 Datasheet HTML 65Page - Analog Devices OP191 Datasheet HTML 66Page - Analog Devices OP191 Datasheet HTML 67Page - Analog Devices OP191 Datasheet HTML 68Page - Analog Devices OP191 Datasheet HTML 69Page - Analog Devices OP191 Datasheet HTML 70Page - Analog Devices OP191 Datasheet HTML 71Page - Analog Devices OP191 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 68 of 88
Timer 3 Generated Baud Rates
The high integer dividers in a UART block mean that high
speed baud rates are not always possible using some particular
crystals. For example, using a 12 MHz crystal, a baud rate of
115200 is not possible. To address this problem, the part has
added a dedicated baud rate timer (Timer 3) specifically for
generating highly accurate baud rates. Timer 3 can be used
instead of Timer 1 or Timer 2 for generating very accurate high
speed UART baud rates including 115200 and 230400. Timer 3
also allows a much wider range of baud rates to be obtained. In
fact, every desired bit rate from 12 bit/s to 393216 bit/s can be
generated to within an error of ±0.8%. Timer 3 also frees up the
other three timers, allowing them to be used for different
applications. A block diagram of Timer 3 is shown in Figure 74.
(1 + T3FD/64)
2
T3 RX/TX
CLOCK
CORE
CLK
T3EN
RX CLOCK
TX CLOCK
TIMER 1/TIMER 2
RX CLOCK
FRACTIONAL
DIVIDER
0
0
1
1
TIMER 1/TIMER 2
TX CLOCK
16
2DIV
Figure 74. Timer 3, UART Baud Rates
Two SFRs (T3CON and T3FD) are used to control Timer 3.
T3CON is the baud rate control SFR, allowing Timer 3 to be
used to set up the UART baud rate, and setting up the binary
divider (DIV).
The appropriate value to write to the DIV2-1-0 bits can be
calculated using the following formula where fCORE is defined in
PLLCON SFR. Note that the DIV value must be rounded down.
()
2
log
16
log
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
Rate
Baud
f
DIV
CORE
T3FD is the fractional divider ratio required to achieve the
required baud rate. The appropriate value for T3FD can be
calculated with the following formula:
64
2
2
3
1
−
×
×
=
−
Rate
Baud
f
FD
T
DIV
CORE
Note that T3FD should be rounded to the nearest integer. Once
the values for DIV and T3FD are calculated, the actual baud rate
can be calculated with the following formula:
()
64
3
2
2
1
+
×
×
=
−
FD
T
f
Rate
Baud
Actual
DIV
CORE
For example, to get a baud rate of 115200 while operating at
16.7 MHz, i.e., CD = 0
(
)
(
)
()
()
H
FD
T
DIV
09
9
64
115200
2
/
16777216
2
3
3
18
.
3
2
log
/
115200
16
/
16777216
log
2
=
=
−
×
×
=
=
=
×
=
Therefore, the actual baud rate is 114912 bit/s.
Table 33. T3CON SFR Bit Designations
Bit No.
Name
Description
7
T3BAUDEN
T3UARTBAUD Enable.
Set to enable Timer 3 to generate the baud rate. When set, PCON.7, T2CON.4, and T2CON.5 are ignored.
Cleared to let the baud rate be generated as per a standard 8052.
6
Reserved.
5
Reserved.
4
Reserved.
3
Reserved.
2
DIV2
Binary Divider Factor.
1
DIV1
DIV2
DIV1
DIV0
Bin Divider
0
0
0
1
0
0
1
1
0
1
0
1
0
1
1
1
1
0
0
1
1
0
1
1
1
1
0
1
0
DIV0
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com