Electronic Components Datasheet Search
  English  ▼

X  

OP191 Datasheet(PDF) 4 Page - Analog Devices

Part # OP191
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 4 Page - Analog Devices

  OP191 Datasheet HTML 1Page - Analog Devices OP191 Datasheet HTML 2Page - Analog Devices OP191 Datasheet HTML 3Page - Analog Devices OP191 Datasheet HTML 4Page - Analog Devices OP191 Datasheet HTML 5Page - Analog Devices OP191 Datasheet HTML 6Page - Analog Devices OP191 Datasheet HTML 7Page - Analog Devices OP191 Datasheet HTML 8Page - Analog Devices OP191 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 4 of 88
Parameter
VDD = 5 V
VDD = 3 V
Unit
Test Conditions/Comments
DAC AC CHARACTERISTICS
Voltage Output Settling Time
15
15
µs typ
Full-scale settling time to within
½ LSB of final value
Digital-to-Analog Glitch Energy
10
10
nV-sec typ
1 LSB change at major carry
DAC CHANNEL SPECIFICATIONS12, 13
Internal Buffer Disabled ADuC841/ADuC842 Only
DC ACCURACY10
Resolution
12
12
Bits
Relative Accuracy
±3
±3
LSB typ
Differential Nonlinearity11
–1
–1
LSB max
Guaranteed 12-bit monotonic
±1/2
±1/2
LSB typ
Offset Error
±5
±5
mV max
VREF range
Gain Error
±0.5
±0.5
% typ
VREF range
Gain Error Mismatch4
0.5
0.5
% typ
% of full-scale on DAC1
ANALOG OUTPUTS
Voltage Range_0
0 to VREF
0 to VREF
V typ
DAC VREF = 2.5 V
REFERENCE INPUT/OUTPUT REFERENCE OUTPUT14
Output Voltage (VREF)
2.5
2.5
V
Accuracy
±10
±10
mV Max
Of VREF measured at the CREF pin
TA = 25°C
Power Supply Rejection
65
67
dB typ
Reference Temperature Coefficient
±15
±15
ppm/°C typ
Internal VREF Power-On Time
2
2
ms typ
EXTERNAL REFERENCE INPUT15
Voltage Range (VREF) 4
1
1
V min
VDD
VDD
V max
Input Impedance
20
20
kΩ typ
Input Leakage
1
1
µA max
Internal band gap deselected via
ADCCON1.6
POWER SUPPLY MONITOR (PSM)
DVDD Trip Point Selection Range
2.93
3.08
V min
V max
Two trip points selectable in this
range programmed via TPD1–0 in
PSMCON, 3 V part only
DVDD Power Supply Trip Point Accuracy
±2.5
% max
WATCHDOG TIMER (WDT) 4
Timeout Period
0
2000
0
2000
ms min
ms max
Nine timeout periods selectable in
this range
FLASH/EE MEMORY RELIABILITY CHARACTERISTICS16
Endurance17
100,000
100,000
Cycles min
Data Retention18
100
100
Years min
DIGITAL INPUTS
Input Leakage Current (Port 0, EA)
±10
±10
µA max
VIN = 0 V or VDD
±1
±1
µA typ
VIN = 0 V or VDD
Logic 1 Input Current
(All Digital Inputs), SDATA, SCLOCK
±10
±10
µA max
VIN = VDD
±1
±1
µA typ
VIN = VDD
Logic 0 Input Current (Ports 1, 2, 3) SDATA, SCLOCK
–75
–25
µA max
–40
–15
µA typ
VIL = 450 mV
Logic 1 to Logic 0 Transition Current (Ports 2 and 3)
–660
–250
µA max
VIL = 2 V
RESET
–400
±10
10
105
–140
±10
5
35
µA typ
µA max
µA min
µA max
VIL = 2 V
VIN = 0 V
VIN = 5 V, 3 V Internal Pull Down
VIN = 5 V, 3 V Internal Pull Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com