Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 176 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 176 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 172Page - Altera Corporation EP3SL340 Datasheet HTML 173Page - Altera Corporation EP3SL340 Datasheet HTML 174Page - Altera Corporation EP3SL340 Datasheet HTML 175Page - Altera Corporation EP3SL340 Datasheet HTML 176Page - Altera Corporation EP3SL340 Datasheet HTML 177Page - Altera Corporation EP3SL340 Datasheet HTML 178Page - Altera Corporation EP3SL340 Datasheet HTML 179Page - Altera Corporation EP3SL340 Datasheet HTML 180Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 341 page
background image
1–166
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
DIFFERENTIAL
1.8-V
HSTL CLASS I
GCLK
tsu
-1.160
-1.240
-1.867
-1.897
-2.064
-1.987
-2.434
-1.921 -2.085 -1.987 -2.434
ns
t
h
1.297
1.393
2.106
2.142
2.331
2.240
2.690
2.176
2.363
2.240
2.690
ns
GCLK
PLL
t
su
1.041
1.047
1.844
1.961
2.182
2.064
2.084
1.965
2.188
2.064
2.084
ns
t
h
-0.760
-0.748
-1.363
-1.463
-1.629
-1.542
-1.547
-1.454 -1.621 -1.542 -1.547
ns
GCLK
t
su
-1.160
-1.240
-1.867
-1.897
-2.064
-1.987
-2.434
-1.921 -2.085 -1.987 -2.434
ns
t
h
1.297
1.393
2.106
2.142
2.331
2.240
2.690
2.176
2.363
2.240
2.690
ns
GCLK
PLL
t
su
1.041
1.047
1.844
1.961
2.182
2.064
2.084
1.965
2.188
2.064
2.084
ns
th
-0.760
-0.748
-1.363
-1.463
-1.629
-1.542
-1.547
-1.454 -1.621 -1.542 -1.547
ns
DIFFERENTIAL
1.5-V
SSTL CLASS I
GCLK
t
su
-1.146
-1.228
-1.858
-1.887
-2.046
-1.969
-2.416
-1.910 -2.068 -1.969 -2.416
ns
t
h
1.283
1.381
2.097
2.132
2.313
2.222
2.672
2.165
2.346
2.222
2.672
ns
GCLK
PLL
t
su
1.055
1.059
1.857
1.971
2.200
2.082
2.102
1.976
2.205
2.082
2.102
ns
t
h
-0.774
-0.760
-1.375
-1.473
-1.647
-1.560
-1.565
-1.465 -1.638 -1.560 -1.565
ns
GCLK
tsu
-1.146
-1.228
-1.858
-1.887
-2.046
-1.969
-2.416
-1.910 -2.068 -1.969 -2.416
ns
t
h
1.283
1.381
2.097
2.132
2.313
2.222
2.672
2.165
2.346
2.222
2.672
ns
GCLK
PLL
t
su
1.055
1.059
1.857
1.971
2.200
2.082
2.102
1.976
2.205
2.082
2.102
ns
t
h
-0.774
-0.760
-1.375
-1.473
-1.647
-1.560
-1.565
-1.465 -1.638 -1.560 -1.565
ns
DIFFERENTIAL
1.8-V
SSTL CLASS I
GCLK
t
su
-1.160
-1.240
-1.867
-1.897
-2.064
-1.987
-2.434
-1.921 -2.085 -1.987 -2.434
ns
t
h
1.297
1.393
2.106
2.142
2.331
2.240
2.690
2.176
2.363
2.240
2.690
ns
GCLK
PLL
t
su
1.041
1.047
1.844
1.961
2.182
2.064
2.084
1.965
2.188
2.064
2.084
ns
th
-0.760
-0.748
-1.363
-1.463
-1.629
-1.542
-1.547
-1.454 -1.621 -1.542 -1.547
ns
GCLK
t
su
-1.160
-1.240
-1.867
-1.897
-2.064
-1.987
-2.434
-1.921 -2.085 -1.987 -2.434
ns
t
h
1.297
1.393
2.106
2.142
2.331
2.240
2.690
2.176
2.363
2.240
2.690
ns
GCLK
PLL
t
su
1.041
1.047
1.844
1.961
2.182
2.064
2.084
1.965
2.188
2.064
2.084
ns
t
h
-0.760
-0.748
-1.363
-1.463
-1.629
-1.542
-1.547
-1.454 -1.621 -1.542 -1.547
ns
DIFFERENTIAL
2.5-V
SSTL CLASS I
GCLK
tsu
-1.169
-1.249
-1.881
-1.908
-2.071
-1.995
-2.440
-1.928 -2.086 -1.995 -2.440
ns
t
h
1.306
1.402
2.121
2.156
2.341
2.250
2.701
2.186
2.369
2.250
2.701
ns
GCLK
PLL
t
su
1.032
1.038
1.829
1.945
2.171
2.052
2.073
1.954
2.182
2.052
2.073
ns
t
h
-0.751
-0.739
-1.348
-1.445
-1.615
-1.528
-1.532
-1.440 -1.612 -1.528 -1.532
ns
GCLK
t
su
-1.169
-1.249
-1.881
-1.908
-2.071
-1.995
-2.440
-1.928 -2.086 -1.995 -2.440
ns
t
h
1.306
1.402
2.121
2.156
2.341
2.250
2.701
2.186
2.369
2.250
2.701
ns
GCLK
PLL
t
su
1.032
1.038
1.829
1.945
2.171
2.052
2.073
1.954
2.182
2.052
2.073
ns
th
-0.751
-0.739
-1.348
-1.445
-1.615
-1.528
-1.532
-1.440 -1.612 -1.528 -1.532
ns
Table 1–86. EP3SL200 Row Pins Input Timing Parameters (Part 2 of 2)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com