Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 180 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 180 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 176Page - Altera Corporation EP3SL340 Datasheet HTML 177Page - Altera Corporation EP3SL340 Datasheet HTML 178Page - Altera Corporation EP3SL340 Datasheet HTML 179Page - Altera Corporation EP3SL340 Datasheet HTML 180Page - Altera Corporation EP3SL340 Datasheet HTML 181Page - Altera Corporation EP3SL340 Datasheet HTML 182Page - Altera Corporation EP3SL340 Datasheet HTML 183Page - Altera Corporation EP3SL340 Datasheet HTML 184Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 341 page
background image
1–170
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
DIFFERENTIAL
2.5-V SSTL
CLASS I
8mA
GCLK
tco
3.484
3.762
5.558 5.770 6.334 6.170 6.577 5.915 6.479 6.170 6.577
ns
GCLK
PLL
t
co
3.482
3.760
5.556 5.768 6.332 6.168 6.575 5.913 6.476 6.168 6.575
ns
10mA
GCLK
t
co
3.486
3.762
5.548 5.758 6.320 6.156 6.563 5.902 6.463 6.156 6.563
ns
GCLK
PLL
tco
3.486
3.763
5.556 5.768 6.332 6.168 6.575 5.913 6.476 6.168 6.575
ns
12mA
GCLK
t
co
3.502
3.780
5.572 5.783 6.346 6.182 6.589 5.928 6.489 6.182 6.589
ns
GCLK
PLL
t
co
3.502
3.780
5.572 5.783 6.346 6.182 6.589 5.928 6.489 6.182 6.589
ns
DIFFERENTIAL
2.5-V SSTL
CLASS II
16mA
GCLK
t
co
3.492
3.770
5.562 5.773 6.336 6.172 6.579 5.918 6.480 6.172 6.579
ns
GCLK
PLL
t
co
3.485
3.762
5.548 5.758 6.320 6.156 6.563 5.902 6.463 6.156 6.563
ns
Table 1–87. EP3SL200 Column Pins output Timing Parameters (Part 4 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com