Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 177 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 177 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 173Page - Altera Corporation EP3SL340 Datasheet HTML 174Page - Altera Corporation EP3SL340 Datasheet HTML 175Page - Altera Corporation EP3SL340 Datasheet HTML 176Page - Altera Corporation EP3SL340 Datasheet HTML 177Page - Altera Corporation EP3SL340 Datasheet HTML 178Page - Altera Corporation EP3SL340 Datasheet HTML 179Page - Altera Corporation EP3SL340 Datasheet HTML 180Page - Altera Corporation EP3SL340 Datasheet HTML 181Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–167
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–87 lists the EP3SL200 column pins output timing parameters for differential
I/O standards.
Table 1–87. EP3SL200 Column Pins output Timing Parameters (Part 1 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS_E_1R
—
GCLK
t
co
3.479
3.750
5.506 5.712 6.270 6.106 6.513 5.854 6.411 6.106 6.513
ns
GCLK
PLL
t
co
3.475
3.753
5.553 5.767 6.332 6.168 6.575 5.913 6.477 6.168 6.575
ns
LVDS_E_3R
—
GCLK
t
co
3.479
3.750
5.506 5.712 6.270 6.106 6.513 5.854 6.411 6.106 6.513
ns
GCLK
PLL
t
co
3.475
3.753
5.553 5.767 6.332 6.168 6.575 5.913 6.477 6.168 6.575
ns
MINI-
LVDS_E_1R
—
GCLK
t
co
3.479
3.750
5.506 5.712 6.270 6.106 6.513 5.854 6.411 6.106 6.513
ns
GCLK
PLL
tco
3.475
3.753
5.553 5.767 6.332 6.168 6.575 5.913 6.477 6.168 6.575
ns
MINI-
LVDS_E_3R
—
GCLK
t
co
3.506
3.783
5.577 5.790 6.354 6.190 6.597 5.934 6.497 6.190 6.597
ns
GCLK
PLL
t
co
3.496
3.773
5.567 5.779 6.344 6.180 6.587 5.923 6.487 6.180 6.587
ns
RSDS_E_1R
—
GCLK
t
co
3.496
3.773
5.570 5.783 6.348 6.184 6.591 5.928 6.492 6.184 6.591
ns
GCLK
PLL
t
co
3.489
3.767
5.563 5.777 6.342 6.178 6.585 5.921 6.486 6.178 6.585
ns
RSDS_E_3R
—
GCLK
t
co
3.488
3.765
5.560 5.774 6.339 6.175 6.582 5.918 6.482 6.175 6.582
ns
GCLK
PLL
t
co
3.510
3.787
5.581 5.794 6.358 6.194 6.601 5.938 6.502 6.194 6.601
ns
DIFFERENTIAL
1.2-V HSTL
CLASS I
4mA
GCLK
t
co
3.500
3.776
5.560 5.771 6.333 6.169 6.576 5.914 6.475 6.169 6.576
ns
GCLK
PLL
tco
3.495
3.772
5.560 5.771 6.334 6.170 6.577 5.915 6.477 6.170 6.577
ns
6mA
GCLK
t
co
3.493
3.770
5.559 5.770 6.332 6.168 6.575 5.914 6.476 6.168 6.575
ns
GCLK
PLL
t
co
3.485
3.761
5.549 5.760 6.323 6.159 6.566 5.904 6.466 6.159 6.566
ns
8mA
GCLK
t
co
3.486
3.763
5.555 5.767 6.331 6.167 6.574 5.912 6.475 6.167 6.574
ns
GCLK
PLL
t
co
3.485
3.760
5.538 5.748 6.309 6.145 6.552 5.891 6.451 6.145 6.552
ns
10mA
GCLK
t
co
3.497
3.773
5.556 5.766 6.327 6.163 6.570 5.910 6.470 6.163 6.570
ns
GCLK
PLL
t
co
3.493
3.770
5.557 5.768 6.331 6.167 6.574 5.912 6.474 6.167 6.574
ns
12mA
GCLK
t
co
3.483
3.759
5.546 5.757 6.319 6.155 6.562 5.901 6.462 6.155 6.562
ns
GCLK
PLL
tco
3.481
3.757
5.544 5.754 6.317 6.153 6.560 5.899 6.460 6.153 6.560
ns
DIFFERENTIAL
1.2-V HSTL
CLASS II
16mA
GCLK
t
co
3.481
3.758
5.547 5.759 6.322 6.158 6.565 5.903 6.466 6.158 6.565
ns
GCLK
PLL
t
co
3.485
3.761
5.544 5.754 6.316 6.152 6.559 5.898 6.459 6.152 6.559
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com