Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 239 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 239 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 235Page - Altera Corporation EP3SL340 Datasheet HTML 236Page - Altera Corporation EP3SL340 Datasheet HTML 237Page - Altera Corporation EP3SL340 Datasheet HTML 238Page - Altera Corporation EP3SL340 Datasheet HTML 239Page - Altera Corporation EP3SL340 Datasheet HTML 240Page - Altera Corporation EP3SL340 Datasheet HTML 241Page - Altera Corporation EP3SL340 Datasheet HTML 242Page - Altera Corporation EP3SL340 Datasheet HTML 243Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–229
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
EP3SE80 I/O Timing Parameters
Table 1–111 through Table 1–114 list the maximum I/O timing parameters for
EP3SE80 devices for single-ended I/O standards.
Table 1–111 lists the EP3SE80 column pins input timing parameters for single-ended
I/O standards.
Table 1–111. EP3SE80 Column Pins Input Timing Parameters (Part 1 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V LVTTL
GCLK
t
su
-1.054
-1.054
-1.505 -1.636 -1.872 -1.819 -2.173 -1.636 -1.872 -1.819 -2.173
ns
t
h
1.195
1.195
1.704
1.861
2.117
2.050
2.409
1.861
2.117
2.050
2.409
ns
GCLK
PLL
t
su
-1.307
-1.307
-1.870 -2.028 -2.321 -2.214 -2.661 -2.028 -2.321 -2.214 -2.661
ns
t
h
1.605
1.605
2.302
2.513
2.858
2.721
3.186
2.513
2.858
2.721
3.186
ns
3.3-V
LVCMOS
GCLK
t
su
-1.054
-1.054
-1.505 -1.636 -1.872 -1.819 -2.173 -1.636 -1.872 -1.819 -2.173
ns
t
h
1.195
1.195
1.704
1.861
2.117
2.050
2.409
1.861
2.117
2.050
2.409
ns
GCLK
PLL
t
su
-1.307
-1.307
-1.870 -2.028 -2.321 -2.214 -2.661 -2.028 -2.321 -2.214 -2.661
ns
t
h
1.605
1.605
2.302
2.513
2.858
2.721
3.186
2.513
2.858
2.721
3.186
ns
3.0-V LVTTL
GCLK
t
su
-1.065
-1.065
-1.504 -1.638 -1.871 -1.818 -2.172 -1.638 -1.871 -1.818 -2.172
ns
t
h
1.206
1.206
1.703
1.863
2.116
2.049
2.408
1.863
2.116
2.049
2.408
ns
GCLK
PLL
t
su
-1.318
-1.318
-1.869 -2.030 -2.320 -2.213 -2.660 -2.030 -2.320 -2.213 -2.660
ns
t
h
1.616
1.616
2.301
2.515
2.857
2.720
3.185
2.515
2.857
2.720
3.185
ns
3.0-V
LVCMOS
GCLK
t
su
-1.065
-1.065
-1.504 -1.638 -1.871 -1.818 -2.172 -1.638 -1.871 -1.818 -2.172
ns
t
h
1.206
1.206
1.703
1.863
2.116
2.049
2.408
1.863
2.116
2.049
2.408
ns
GCLK
PLL
t
su
-1.318
-1.318
-1.869 -2.030 -2.320 -2.213 -2.660 -2.030 -2.320 -2.213 -2.660
ns
t
h
1.616
1.616
2.301
2.515
2.857
2.720
3.185
2.515
2.857
2.720
3.185
ns
2.5 V
GCLK
t
su
-1.060
-1.060
-1.513 -1.650 -1.890 -1.837 -2.191 -1.650 -1.890 -1.837 -2.191
ns
t
h
1.201
1.201
1.712
1.875
2.135
2.068
2.427
1.875
2.135
2.068
2.427
ns
GCLK
PLL
t
su
-1.313
-1.313
-1.878 -2.042 -2.339 -2.232 -2.679 -2.042 -2.339 -2.232 -2.679
ns
t
h
1.611
1.611
2.310
2.527
2.876
2.739
3.204
2.527
2.876
2.739
3.204
ns
1.8 V
GCLK
t
su
-1.082
-1.082
-1.553 -1.686 -1.888 -1.835 -2.189 -1.686 -1.888 -1.835 -2.189
ns
t
h
1.225
1.225
1.752
1.911
2.133
2.066
2.425
1.911
2.133
2.066
2.425
ns
GCLK
PLL
t
su
-1.335
-1.335
-1.918 -2.078 -2.337 -2.230 -2.677 -2.078 -2.337 -2.230 -2.677
ns
t
h
1.635
1.635
2.350
2.563
2.874
2.737
3.202
2.563
2.874
2.737
3.202
ns
1.5 V
GCLK
t
su
-1.072
-1.072
-1.530 -1.654 -1.818 -1.765 -2.119 -1.654 -1.818 -1.765 -2.119
ns
t
h
1.215
1.215
1.729
1.879
2.063
1.996
2.355
1.879
2.063
1.996
2.355
ns
GCLK
PLL
t
su
-1.325
-1.325
-1.895 -2.046 -2.267 -2.160 -2.607 -2.046 -2.267 -2.160 -2.607
ns
t
h
1.625
1.625
2.327
2.531
2.804
2.667
3.132
2.531
2.804
2.667
3.132
ns
1.2 V
GCLK
t
su
-1.020
-1.020
-1.453 -1.555 -1.662 -1.609 -1.963 -1.555 -1.662 -1.609 -1.963
ns
t
h
1.163
1.163
1.652
1.780
1.907
1.840
2.199
1.780
1.907
1.840
2.199
ns
GCLK
PLL
t
su
-1.273
-1.273
-1.818 -1.947 -2.111 -2.004 -2.451 -1.947 -2.111 -2.004 -2.451
ns
t
h
1.573
1.573
2.250
2.432
2.648
2.511
2.976
2.432
2.648
2.511
2.976
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com