Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 243 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 243 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 239Page - Altera Corporation EP3SL340 Datasheet HTML 240Page - Altera Corporation EP3SL340 Datasheet HTML 241Page - Altera Corporation EP3SL340 Datasheet HTML 242Page - Altera Corporation EP3SL340 Datasheet HTML 243Page - Altera Corporation EP3SL340 Datasheet HTML 244Page - Altera Corporation EP3SL340 Datasheet HTML 245Page - Altera Corporation EP3SL340 Datasheet HTML 246Page - Altera Corporation EP3SL340 Datasheet HTML 247Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–233
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
SSTL-15
CLASS I
GCLK
t
su
-0.863
-0.916
-1.285 -1.385 -1.491 -1.438 -1.659 -1.390 -1.495 -1.446 -1.703
ns
t
h
0.987
1.056
1.483
1.605
1.732
1.668
1.893
1.620
1.745
1.685
1.938
ns
GCLK
PLL
t
su
1.084
1.095
1.762
1.994
2.219
2.105
2.032
2.007
2.231
2.115
2.078
ns
t
h
-0.824
-0.816
-1.347 -1.531 -1.706 -1.618 -1.537 -1.534 -1.708 -1.619 -1.581
ns
1.8-V HSTL
CLASS I
GCLK
t
su
-0.877
-0.928
-1.300 -1.395 -1.509 -1.456 -1.677 -1.401 -1.512 -1.463 -1.720
ns
t
h
1.001
1.068
1.497
1.615
1.750
1.686
1.911
1.631
1.762
1.702
1.955
ns
GCLK
PLL
t
su
1.070
1.083
1.747
1.984
2.201
2.087
2.014
1.996
2.214
2.098
2.061
ns
t
h
-0.810
-0.804
-1.333 -1.521 -1.688 -1.600 -1.519 -1.523 -1.691 -1.602 -1.564
ns
1.8-V HSTL
CLASS II
GCLK
t
su
-0.877
-0.928
-1.300 -1.395 -1.509 -1.456 -1.677 -1.401 -1.512 -1.463 -1.720
ns
t
h
1.001
1.068
1.497
1.615
1.750
1.686
1.911
1.631
1.762
1.702
1.955
ns
GCLK
PLL
t
su
1.070
1.083
1.747
1.984
2.201
2.087
2.014
1.996
2.214
2.098
2.061
ns
t
h
-0.810
-0.804
-1.333 -1.521 -1.688 -1.600 -1.519 -1.523 -1.691 -1.602 -1.564
ns
1.5-V HSTL
CLASS I
GCLK
t
su
-0.863
-0.916
-1.285 -1.385 -1.491 -1.438 -1.659 -1.390 -1.495 -1.446 -1.703
ns
t
h
0.987
1.056
1.483
1.605
1.732
1.668
1.893
1.620
1.745
1.685
1.938
ns
GCLK
PLL
t
su
1.084
1.095
1.762
1.994
2.219
2.105
2.032
2.007
2.231
2.115
2.078
ns
t
h
-0.824
-0.816
-1.347 -1.531 -1.706 -1.618 -1.537 -1.534 -1.708 -1.619 -1.581
ns
1.5-V HSTL
CLASS II
GCLK
t
su
-0.863
-0.916
-1.285 -1.385 -1.491 -1.438 -1.659 -1.390 -1.495 -1.446 -1.703
ns
t
h
0.987
1.056
1.483
1.605
1.732
1.668
1.893
1.620
1.745
1.685
1.938
ns
GCLK
PLL
t
su
1.084
1.095
1.762
1.994
2.219
2.105
2.032
2.007
2.231
2.115
2.078
ns
t
h
-0.824
-0.816
-1.347 -1.531 -1.706 -1.618 -1.537 -1.534 -1.708 -1.619 -1.581
ns
1.2-V HSTL
CLASS I
GCLK
t
su
-0.854
-0.904
-1.276 -1.375 -1.475 -1.422 -1.643 -1.381 -1.479 -1.430 -1.687
ns
t
h
0.978
1.044
1.474
1.595
1.716
1.652
1.877
1.611
1.729
1.669
1.922
ns
GCLK
PLL
t
su
1.093
1.107
1.771
2.004
2.235
2.121
2.048
2.016
2.247
2.131
2.094
ns
t
h
-0.833
-0.828
-1.356 -1.541 -1.722 -1.634 -1.553 -1.543 -1.724 -1.635 -1.597
ns
1.2-V HSTL
CLASS II
GCLK
t
su
-0.854
-0.904
-1.276 -1.375 -1.475 -1.422 -1.643 -1.381 -1.479 -1.430 -1.687
ns
t
h
0.978
1.044
1.474
1.595
1.716
1.652
1.877
1.611
1.729
1.669
1.922
ns
GCLK
PLL
t
su
1.093
1.107
1.771
2.004
2.235
2.121
2.048
2.016
2.247
2.131
2.094
ns
t
h
-0.833
-0.828
-1.356 -1.541 -1.722 -1.634 -1.553 -1.543 -1.724 -1.635 -1.597
ns
3.0-V PCI
GCLK
t
su
-0.928
-0.975
-1.366 -1.482 -1.598 -1.650 -1.893 -1.491 -1.702 -1.654 -1.934
ns
t
h
1.051
1.114
1.563
1.704
1.845
1.881
2.131
1.724
1.955
1.895
2.173
ns
GCLK
PLL
t
su
1.081
1.099
1.773
1.999
1.982
2.001
1.796
2.013
1.998
2.019
1.845
ns
t
h
-0.819
-0.819
-1.356 -1.531 -1.467 -1.510 -1.297 -1.534 -1.472 -1.518 -1.344
ns
3.0-V
PCI-X
GCLK
t
su
-0.928
-0.975
-1.366 -1.482 -1.598 -1.650 -1.893 -1.491 -1.702 -1.654 -1.934
ns
t
h
1.051
1.114
1.563
1.704
1.845
1.881
2.131
1.724
1.955
1.895
2.173
ns
GCLK
PLL
t
su
1.081
1.099
1.773
1.999
1.982
2.001
1.796
2.013
1.998
2.019
1.845
ns
t
h
-0.819
-0.819
-1.356 -1.531 -1.467 -1.510 -1.297 -1.534 -1.472 -1.518 -1.344
ns
Table 1–112. EP3SE80 Row Pins Input Timing Parameters (Part 3 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com