Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 268 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 268 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 264Page - Altera Corporation EP3SL340 Datasheet HTML 265Page - Altera Corporation EP3SL340 Datasheet HTML 266Page - Altera Corporation EP3SL340 Datasheet HTML 267Page - Altera Corporation EP3SL340 Datasheet HTML 268Page - Altera Corporation EP3SL340 Datasheet HTML 269Page - Altera Corporation EP3SL340 Datasheet HTML 270Page - Altera Corporation EP3SL340 Datasheet HTML 271Page - Altera Corporation EP3SL340 Datasheet HTML 272Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 341 page
background image
1–258
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–122 lists the EP3SE110 row pins input timing parameters for single-ended I/O
standards.
3.0-V
PCI-X
GCLK
t
su
-1.041
-1.017
-1.453
-1.615
-1.846
-1.785
-2.147
-1.615 -1.846 -1.785 -2.147
ns
t
h
1.183
1.155
1.647
1.840
2.092
2.016
2.384
1.840
2.092
2.016
2.384
ns
GCLK
PLL
t
su
-1.308
-1.278
-1.830
-2.025
-2.260
-2.186
-2.654
-2.025 -2.260 -2.186 -2.654
ns
t
h
1.611
1.576
2.261
2.516
2.792
2.688
3.179
2.516
2.792
2.688
3.179
ns
Table 1–121. EP3SE110 Column Pins Input Timing Parameters (Part 4 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–122. EP3SE110 Row Pins Input Timing Parameters (Part 1 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
GCLK
t
su
-0.917
-0.960
-1.364 -1.476 -1.736 -1.642 -2.026 -1.488 -1.737 -1.683 -2.064
ns
t
h
1.041
1.099
1.561
1.698
1.978
1.873
2.261
1.720
1.989
1.922
2.300
ns
GCLK
PLL
t
su
1.022
1.000
1.632
1.851
1.964
1.893
1.808
1.901
1.982
1.864
1.859
ns
t
h
-0.762
-0.722
-1.218 -1.386 -1.449 -1.406 -1.309 -1.426 -1.456 -1.368 -1.357
ns
3.3-V
LVCMOS
GCLK
t
su
-0.917
-0.960
-1.364 -1.476 -1.736 -1.642 -2.026 -1.488 -1.737 -1.683 -2.064
ns
t
h
1.041
1.099
1.561
1.698
1.978
1.873
2.261
1.720
1.989
1.922
2.300
ns
GCLK
PLL
t
su
1.022
1.000
1.632
1.851
1.964
1.893
1.808
1.901
1.982
1.864
1.859
ns
t
h
-0.762
-0.722
-1.218 -1.386 -1.449 -1.406 -1.309 -1.426 -1.456 -1.368 -1.357
ns
3.0-V
LVTTL
GCLK
t
su
-0.923
-0.971
-1.361 -1.477 -1.739 -1.645 -2.029 -1.487 -1.742 -1.688 -2.069
ns
t
h
1.047
1.110
1.558
1.699
1.981
1.876
2.264
1.719
1.994
1.927
2.305
ns
GCLK
PLL
t
su
1.016
0.989
1.635
1.850
1.961
1.890
1.805
1.902
1.977
1.859
1.854
ns
t
h
-0.756
-0.711
-1.221 -1.385 -1.446 -1.403 -1.306 -1.427 -1.451 -1.363 -1.352
ns
3.0-V
LVCMOS
GCLK
t
su
-0.923
-0.971
-1.361 -1.477 -1.739 -1.645 -2.029 -1.487 -1.742 -1.688 -2.069
ns
t
h
1.047
1.110
1.558
1.699
1.981
1.876
2.264
1.719
1.994
1.927
2.305
ns
GCLK
PLL
t
su
1.016
0.989
1.635
1.850
1.961
1.890
1.805
1.902
1.977
1.859
1.854
ns
t
h
-0.756
-0.711
-1.221 -1.385 -1.446 -1.403 -1.306 -1.427 -1.451 -1.363 -1.352
ns
2.5 V
GCLK
t
su
-0.911
-0.964
-1.370 -1.490 -1.754 -1.660 -2.044 -1.496 -1.752 -1.698 -2.079
ns
t
h
1.035
1.103
1.567
1.712
1.996
1.891
2.279
1.728
2.004
1.937
2.315
ns
GCLK
PLL
t
su
1.028
0.996
1.626
1.837
1.946
1.875
1.790
1.893
1.967
1.849
1.844
ns
t
h
-0.768
-0.718
-1.212 -1.372 -1.431 -1.388 -1.291 -1.418 -1.441 -1.353 -1.342
ns
1.8 V
GCLK
t
su
-0.987
-1.042
-1.456 -1.570 -1.756 -1.705 -2.042 -1.576 -1.754 -1.707 -2.080
ns
t
h
1.112
1.182
1.653
1.793
1.999
1.936
2.277
1.808
2.007
1.948
2.316
ns
GCLK
PLL
t
su
1.040
1.054
1.703
1.929
1.948
1.963
1.900
1.946
1.966
1.848
1.952
ns
t
h
-0.777
-0.773
-1.286 -1.461 -1.433 -1.472 -1.399 -1.468 -1.440 -1.352 -1.447
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com