Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 292 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 292 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 288Page - Altera Corporation EP3SL340 Datasheet HTML 289Page - Altera Corporation EP3SL340 Datasheet HTML 290Page - Altera Corporation EP3SL340 Datasheet HTML 291Page - Altera Corporation EP3SL340 Datasheet HTML 292Page - Altera Corporation EP3SL340 Datasheet HTML 293Page - Altera Corporation EP3SL340 Datasheet HTML 294Page - Altera Corporation EP3SL340 Datasheet HTML 295Page - Altera Corporation EP3SL340 Datasheet HTML 296Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 341 page
background image
1–282
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–129 and Table 1–130 list the EP3SE110 regional clock (RCLK) adder values
that must be added to the GCLK values. Use these adder values to determine I/O
timing when the I/O pin is driven using the regional clock. This applies to all I/O
standards supported by Stratix III devices.
Table 1–129 lists the EP3SE110 column pin delay adders when using the regional
clock.
Table 1–130 lists the EP3SE110 row pin delay adders when using the regional clock.
Table 1–129. EP3SE110 Column Pin Delay Adders for Regional Clock
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
RCLK input adder
0.111
0.14
0.19
0.103
0.105
0.103
0.177
0.085
0.101
0.098
0.146
ns
RCLK PLL input adder
2.506
2.513
3.782
4.081
4.579
4.381
4.923
4.222
4.603
4.401
4.984
ns
RCLK output adder
-0.281
-0.062
-0.079 -0.074 -0.074 -0.072 -0.128
0.056
0.051
0.054
-0.055
ns
RCLK PLL output adder
-2.121
-1.833
-2.75
-2.908 -3.127 -3.057 -3.165 -2.959
-3.157
-2.903
-3.172
ns
Table 1–130. EP3SE110 Row Pin Delay Adders for Regional Clock
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
RCLK input adder
-0.003
-0.002
0.001
-0.012
-0.01
-0.017
0.078
-0.02
-0.02
-0.016
0.08
ns
RCLK PLL input adder
0.116
0.122
0.192
0.212
0.227
0.217
0.375
0.198
0.219
0.209
0.379
ns
RCLK output adder
0.02
0.019
0.027
0.041
0.044
0.048
-0.038
0.051
0.057
0.051
-0.04
ns
RCLK PLL output adder
-0.103
-0.105
-0.162
-0.179 -0.194 -0.185 -0.322 -0.167 -0.183 -0.175 -0.324
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com