Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 296 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 296 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 292Page - Altera Corporation EP3SL340 Datasheet HTML 293Page - Altera Corporation EP3SL340 Datasheet HTML 294Page - Altera Corporation EP3SL340 Datasheet HTML 295Page - Altera Corporation EP3SL340 Datasheet HTML 296Page - Altera Corporation EP3SL340 Datasheet HTML 297Page - Altera Corporation EP3SL340 Datasheet HTML 298Page - Altera Corporation EP3SL340 Datasheet HTML 299Page - Altera Corporation EP3SL340 Datasheet HTML 300Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 341 page
background image
1–286
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
3.0-V
LVCMOS
GCLK
t
su
-1.225
-1.385
2.299
2.247
2.571
2.449
2.920
2.268
2.674
2.449
2.920
ns
t
h
1.361
1.535
-2.065 -2.002 -2.301 -2.195 -2.661 -2.011 -2.397 -2.195 -2.661
ns
GCLK
PLL
t
su
0.977
0.972
1.743
1.850
1.844
1.749
1.866
1.856
1.868
1.749
1.866
ns
t
h
-0.698
-0.674
2.299
2.247
2.571
2.449
2.920
2.268
2.674
2.449
2.920
ns
2.5 V
GCLK
t
su
-1.213
-1.378
1.617
1.714
1.860
1.741
1.759
1.830
1.861
1.741
1.759
ns
t
h
1.349
1.528
2.364
2.410
2.627
2.565
3.018
2.344
2.687
2.565
3.018
ns
GCLK
PLL
t
su
0.989
0.979
-2.130 -2.167 -2.360 -2.314 -2.765 -2.088 -2.409 -2.314 -2.765
ns
t
h
-0.710
-0.681
1.617
1.714
1.860
1.741
1.759
1.830
1.861
1.741
1.759
ns
1.8 V
GCLK
t
su
-1.283
-1.435
1.641
1.746
1.928
1.809
1.827
1.861
1.926
1.809
1.827
ns
t
h
0.968
0.896
2.340
2.378
2.559
2.497
2.950
2.313
2.622
2.497
2.950
ns
GCLK
PLL
t
su
1.421
1.586
-2.106 -2.135 -2.292 -2.246 -2.697 -2.057 -2.344 -2.246 -2.697
ns
t
h
-1.273
-1.424
1.720
1.847
2.087
1.968
1.986
1.957
2.081
1.968
1.986
ns
1.5 V
GCLK
t
su
0.978
0.907
2.261
2.277
2.400
2.338
2.791
2.217
2.467
2.338
2.791
ns
t
h
1.411
1.575
-2.027 -2.034 -2.133 -2.087 -2.538 -1.961 -2.189 -2.087 -2.538
ns
GCLK
PLL
t
su
-1.213
-1.371
1.829
1.959
2.064
1.969
2.086
1.968
2.085
1.969
2.086
ns
t
h
1.038
0.960
2.213
2.138
2.351
2.229
2.700
2.156
2.457
2.229
2.700
ns
1.2 V
GCLK
t
su
1.351
1.522
-1.989 -2.007 -2.128 -2.081 -2.534 -1.932 -2.182 -2.081 -2.534
ns
t
h
-1.155
-1.320
1.758
-2.007 -2.128 -2.081 -2.534 -1.932 -2.182 -2.081 -2.534
ns
GCLK
PLL
t
su
1.047
1.038
2.223
2.248
2.393
2.331
2.783
2.185
2.457
2.331
2.783
ns
t
h
1.292
1.471
-1.989
1.874
2.092
1.974
1.990
1.986
2.088
1.974
1.990
ns
SSTL-2
CLASS I
GCLK
t
su
-1.155
-1.320
1.758
1.874
2.092
1.974
1.990
1.986
2.088
1.974
1.990
ns
t
h
1.047
1.038
2.223
-1.378 -1.541 -1.455 -1.458 -1.477 -1.526 -1.455 -1.458
ns
GCLK
PLL
t
su
1.292
1.471
-1.989 -2.007 -2.128 -2.081 -2.534 -1.932 -2.182 -2.081 -2.534
ns
t
h
-1.187
-1.336
1.758
2.248
2.393
2.331
2.783
2.185
2.457
2.331
2.783
ns
SSTL-2
CLASS II
GCLK
t
su
1.064
0.995
2.223
1.874
2.092
1.974
1.990
1.986
2.088
1.974
1.990
ns
t
h
1.325
1.487
-1.989 -1.378 -1.541 -1.455 -1.458 -1.477 -1.526 -1.455 -1.458
ns
GCLK
PLL
t
su
-1.187
-1.336
-1.294 -1.997 -2.110 -2.063 -2.516 -1.921 -2.165 -2.063 -2.516
ns
t
h
1.064
0.995
-1.974
2.238
2.375
2.313
2.765
2.174
2.440
2.313
2.765
ns
SSTL-18
CLASS I
GCLK
t
su
1.325
1.487
2.209
1.884
2.110
1.992
2.008
1.997
2.105
1.992
2.008
ns
t
h
-1.173
-1.324
1.758
1.884
2.110
1.992
2.008
1.997
2.105
1.992
2.008
ns
GCLK
PLL
t
su
1.078
1.007
2.223
-1.388 -1.559 -1.473 -1.476 -1.488 -1.543 -1.473 -1.476
ns
t
h
1.311
1.475
-1.989 -1.997 -2.110 -2.063 -2.516 -1.921 -2.165 -2.063 -2.516
ns
SSTL-18
CLASS II
GCLK
t
su
-1.187
-1.336
1.758
-1.378 -1.541 -1.455 -1.458 -1.477 -1.526 -1.455 -1.458
ns
t
h
1.064
0.995
2.223
-2.007 -2.128 -2.081 -2.534 -1.932 -2.182 -2.081 -2.534
ns
GCLK
PLL
t
su
1.325
1.487
-1.989
2.248
2.393
2.331
2.783
2.185
2.457
2.331
2.783
ns
t
h
-1.187
-1.336
-1.294
1.874
2.092
1.974
1.990
1.986
2.088
1.974
1.990
ns
Table 1–132. EP3SE260 Row Pins Input Timing Parameters (Part 2 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com