Electronic Components Datasheet Search
  English  ▼

X  

PIC18C601 Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 19Page - Microchip Technology PIC18C601 Datasheet HTML 20Page - Microchip Technology PIC18C601 Datasheet HTML 21Page - Microchip Technology PIC18C601 Datasheet HTML 22Page - Microchip Technology PIC18C601 Datasheet HTML 23Page - Microchip Technology PIC18C601 Datasheet HTML 24Page - Microchip Technology PIC18C601 Datasheet HTML 25Page - Microchip Technology PIC18C601 Datasheet HTML 26Page - Microchip Technology PIC18C601 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 23
PIC18C601/801
2.4
External Clock Input
The EC oscillator mode requires an external clock
source to be connected to the OSC1 pin. The feedback
device between OSC1 and OSC2 is turned off in these
modes to save current. There is no oscillator start-up
time required after a Power-on Reset or after a
recovery from SLEEP mode.
In the EC oscillator mode, the oscillator frequency
divided by 4 is available on the OSC2 pin. This signal
may be used for test purposes or to synchronize other
logic. Figure 2-3 shows the pin connections for the EC
oscillator mode.
FIGURE 2-3:
EXTERNAL CLOCK INPUT
OPERATION (EC OSC
CONFIGURATION)
2.5
HS4 (PLL)
A Phase Lock Loop (PLL) circuit is provided as a soft-
ware programmable option for users that want to multi-
ply the frequency of the incoming crystal oscillator
signal by 4. For an input clock frequency of 6 MHz, the
internal clock frequency will be multiplied to 24 MHz.
This is useful for customers who are concerned with
EMI due to high frequency crystals.
The PLL is enabled by configuring HS oscillator mode
and setting the PLLEN bit in the OSCON register. If HS
oscillator mode is not selected, or PLLEN bit in
OSCCON register is clear, the PLL is not enabled and
the system clock will come directly from OSC1. HS
oscillator mode is the default for PIC18C601/801. In all
other modes, the PLLEN bit and the SCS1 bit are
forced to ‘0’.
A PLL lock timer is used to ensure that the PLL has
locked before device execution starts. The PLL lock
timer has a time-out, referred to as TPLL.
FIGURE 2-4:
PLL BLOCK DIAGRAM
OSC1
OSC2
FOSC/4
Clock from
ext. system
PIC18C601/801
VCO
Loop
Filter
Feedback Divider
32
10
Crystal
Osc
OSCOUT
OSCIN
PLL Enable
FIN
FOUT
SYSCLK
Phase
Comparator
CVCO
HS Osc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com