Electronic Components Datasheet Search
  English  ▼

X  

PIC18C601 Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 14Page - Microchip Technology PIC18C601 Datasheet HTML 15Page - Microchip Technology PIC18C601 Datasheet HTML 16Page - Microchip Technology PIC18C601 Datasheet HTML 17Page - Microchip Technology PIC18C601 Datasheet HTML 18Page - Microchip Technology PIC18C601 Datasheet HTML 19Page - Microchip Technology PIC18C601 Datasheet HTML 20Page - Microchip Technology PIC18C601 Datasheet HTML 21Page - Microchip Technology PIC18C601 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 320 page
background image
PIC18C601/801
DS39541A-page 18
Advance Information
 2001 Microchip Technology Inc.
PORTF is a bi-directional I/O port.
RF0/AN5
RF0
AN5
18
28
24
36
I/O
I
ST
Analog
Digital I/O.
Analog input 5.
RF1/AN6
RF1
AN6
17
27
23
35
I/O
I
ST
Analog
Digital I/O.
Analog input 6.
RF2/AN7
RF2
AN7
16
26
18
30
I/O
I
ST
Analog
Digital I/O.
Analog input 7.
RF3/CSIO
RF3
CSIO
15
25
17
29
I/O
I/O
ST
ST
Digital I/O.
System bus chip select I/O.
RF4/A16
RF4/CS2
RF4
A16
CS2
14
—
24
—
—
16
—
28
I/O
I/O
O
ST
TTL
TTL
Digital I/O.
External memory address 16.
Chip select 2.
RF5/CS1
RF5
CS1
13
23
15
27
I/O
O
ST
TTL
Digital I/O.
Chip select 1.
RF6/LB
RF6
LB
12
22
14
26
I/O
O
ST
TTL
Digital I/O.
Low byte select signal for external
memory interface.
RF7/UB
RF7
UB
11
21
13
25
I/O
O
ST
TTL
Digital I/O.
High byte select signal for external
memory interface.
TABLE 1-2:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
PIC18C601
PIC18C801
TQFP
PLCC
TQFP
PLCC
Description
Legend:
TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open Drain (no P diode to VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com