Electronic Components Datasheet Search
  English  ▼

X  

PIC18C601 Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 52Page - Microchip Technology PIC18C601 Datasheet HTML 53Page - Microchip Technology PIC18C601 Datasheet HTML 54Page - Microchip Technology PIC18C601 Datasheet HTML 55Page - Microchip Technology PIC18C601 Datasheet HTML 56Page - Microchip Technology PIC18C601 Datasheet HTML 57Page - Microchip Technology PIC18C601 Datasheet HTML 58Page - Microchip Technology PIC18C601 Datasheet HTML 59Page - Microchip Technology PIC18C601 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 320 page
background image
PIC18C601/801
DS39541A-page 56
Advance Information
 2001 Microchip Technology Inc.
FB0h
PSPCON
—
—
—
—
—
—
CMLK1
CMLK0
---- --00
---- --00
FAFh
SPBRG
USART Baud Rate Generator
0000 0000
0000 0000
FAEh
RCREG
USART Receive Register
0000 0000
0000 0000
FADh
TXREG
USART Transmit Register
0000 0000
0000 0000
FACh
TXSTA
CSRC
TX9
TXEN
SYNC
—
BRGH
TRMT
TX9D
0000 -010
0000 -010
FABh
RCSTA
SPEN
RX9
SREN
CREN
ADEN
FERR
OERR
RX9D
0000 000x
0000 000x
FAAh
FA9h
FA8h
FA7h
CSEL2(2)
CSL7
CSL6
CSL5
CSL4
CSL3
CSL2
CSL1
CSL0
1111 1111
uuuu uuuu
FA6h
CSELIO(2)
CSIO7
CSIO6
CSIO5
CSIO4
CSIO3
CSIO2
CSIO1
CSIO0
1111 1111
uuuu uuuu
FA5h
FA4h
FA3h
FA2h
IPR2
—
—
—
—
BCLIP
LVDIP
TMR3IP
CCP2IP
---- 1111
---- 1111
FA1h
PIR2
—
—
—
—
BCLIF
LVDIF
TMR3IF
CCP2IF
---- 0000
---- 0000
FA0h
PIE2
—
—
—
—
BCLIE
LVDIE
TMR3IE
CCP2IE
---- 0000
---- 0000
F9Fh
IPR1
—
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
-111 1111
-111 1111
F9Eh
PIR1
—
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
-000 0000
-000 0000
F9Dh
PIE1
—
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
-000 0000
-000 0000
F9Ch
MEMCON(2)
EBDIS
PGRM
WAIT1
WAIT0
—
—
WM1
WM0
0000 --00
0000 --00
F9Bh
F9Ah
TRISJ(3)
Data Direction Control Register for PORTJ
1111 1111
1111 1111
F99h
TRISH(3)
Data Direction Control Register for PORTH
1111 1111
1111 1111
F98h
TRISG
—
—
—
Read PORTG Data Latch, Write PORTG Data Latch
---1 1111
---1 1111
F96h
TRISF
Read PORTF Data Latch, Write PORTF Data Latch
1111 1111
1111 1111
F96h
TRISE
Data Direction Control Register for PORTE
1111 1111
1111 1111
F95h
TRISD
Data Direction Control Register for PORTD
1111 1111
1111 1111
F94h
TRISC
Data Direction Control Register for PORTC
1111 1111
1111 1111
F93h
TRISB
Data Direction Control Register for PORTB
1111 1111
1111 1111
F92h
TRISA
—
—
Data Direction Control Register for PORTA
--11 1111
--11 1111
F91h
LATJ(3)
Read PORTJ Data Latch, Write PORTJ Data Latch
xxxx xxxx
uuuu uuuu
F90h
LATH(3)
Read PORTH Data Latch, Write PORTH Data Latch
xxxx xxxx
uuuu uuuu
F8Fh
LATG
—
—
—
Read PORTG Data Latch, Write PORTG Data Latch
---x xxxx
---u uuuu
F8Eh
LATF
Read PORTF Data Latch, Write PORTF Data Latch
xxxx xxxx
uuuu uuuu
F8Dh
LATE
Read PORTE Data Latch, Write PORTE Data Latch
xxxx xxxx
uuuu uuuu
F8Ch
LATD
Read PORTD Data Latch, Write PORTD Data Latch
xxxx xxxx
uuuu uuuu
F8Bh
LATC
Read PORTC Data Latch, Write PORTC Data Latch
xxxx xxxx
uuuu uuuu
F8Ah
LATB
Read PORTB Data Latch, Write PORTB Data Latch
xxxx xxxx
uuuu uuuu
F89h
LATA
—
—
Read PORTA Data Latch, Write PORTA Data Latch
--xx xxxx
--uu uuuu
F88h
PORTJ(3)
Read PORTJ Pins, Write PORTJ Data Latch
xxxx xxxx
uuuu uuuu
F87h
PORTH(3)
Read PORTH pins, Write PORTH Data Latch
xxxx xxxx
uuuu uuuu
F86h
PORTG
—
—
—
Read PORTG pins, Write PORTG Data Latch
---x xxxx
---u uuuu
F85h
PORTF
Read PORTF pins, Write PORTF Data Latch
xxxx xx00
uuuu uu00
TABLE 4-2:
REGISTER FILE SUMMARY - PIC18C601/801 (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
all other
RESETS(1)
Legend
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition, r = reserved
Note 1: Other (non-power-up) RESETS include external RESET through MCLR and Watchdog Timer Reset.
2: These registers can only be modified when the Combination Lock is open.
3: These registers are available on PIC18C801 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com