Electronic Components Datasheet Search
  English  ▼

X  

PIC18C601 Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 67Page - Microchip Technology PIC18C601 Datasheet HTML 68Page - Microchip Technology PIC18C601 Datasheet HTML 69Page - Microchip Technology PIC18C601 Datasheet HTML 70Page - Microchip Technology PIC18C601 Datasheet HTML 71Page - Microchip Technology PIC18C601 Datasheet HTML 72Page - Microchip Technology PIC18C601 Datasheet HTML 73Page - Microchip Technology PIC18C601 Datasheet HTML 74Page - Microchip Technology PIC18C601 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 71
PIC18C601/801
5.4.1
CHIP SELECT 1 (CS1)
CS1 is enabled by writing a value other than 00h into
either the CSEL2 register, or the CSELIO register. If
both of the chip select registers are programmed to
00h, the CS1 signal is not enabled and the RF5 pin is
configured as I/O.
CS1 is low for all addresses in which CS2 and CSELIO
are high. Therefore, if CSEL2 = 20h and CSELIO = 80h,
then the CS1 signal will be low for the address that falls
between 000000h and (2000h x 20h) - 1 = 03FFFFh.
CS1 will always be low for the lower 8K of program
memory. Figure 5-9 shows an example address map for
CS1.
5.4.2
CHIP SELECT 2 (CS2)
CS2 is enabled for program memory accesses, starting
at the address derived by the 8-bit value contained in
CSEL2. For example, if the value contained in the
CSEL2 register is 80h, then the CS2 signal will be
asserted low whenever the address is greater than or
equal to 2000h x 80h = 100000h.
A 00h value in the CSEL2 register will disable the CS2
signal and will configure the RF4 pin as I/O. Figure 5-9
shows an example address map for CS2.
5.4.3
CHIP SELECT I/O (CSIO)
CSIO is enabled for a fixed 8K address range starting
at the address defined by the 8-bit value contained in
CSELIO. If, for instance, the value contained in the
CSELIO register is 80h, then the CSIO signal will be
low for the address range between 100000h and
101FFFh.
If the 8K address block overlaps the address range
specified in the CSEL2 register, the CSIO signal will be
low, and the CS2 signal will be high, for that region.
A 00h value in the CSELIO register will disable the
CSIO signal and will configure the RF3 pin as I/O.
Figure 5-9 shows an example address map for CSIO.
FIGURE 5-9:
EXAMPLE CONFIGURATION ADDRESS MAP FOR CS1, CS2, AND CSIO
PROGRAM MEMORY
CSEL2 = FFh (DEFAULT)
CSELIO = FFh (DEFAULT)
= CS1 ACTIVE
= CS2 ACTIVE
= CSIO ACTIVE
000000h
1FFFFFh
PROGRAM MEMORY
CSEL2 = 80h
CSELIO = 00h
000000h
1FFFFFh
PROGRAM MEMORY
CSEL2 = 20h
CSELIO = 80h
000000h
1FFFFFh
100000h
0FFFFFh
100000h
101FFFh
102000h
0FFFFFh
03FFFFh
040000h
= NO CHIP SELECT ACTIVE
INTERNAL EXECUTION IF
PGRM = 1
1FFDFFh
1FFE00h
1FFDFFh
1FFE00h
1FFDFFh
1FFE00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com