Electronic Components Datasheet Search
  English  ▼

X  

PIC18C601 Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 64Page - Microchip Technology PIC18C601 Datasheet HTML 65Page - Microchip Technology PIC18C601 Datasheet HTML 66Page - Microchip Technology PIC18C601 Datasheet HTML 67Page - Microchip Technology PIC18C601 Datasheet HTML 68Page - Microchip Technology PIC18C601 Datasheet HTML 69Page - Microchip Technology PIC18C601 Datasheet HTML 70Page - Microchip Technology PIC18C601 Datasheet HTML 71Page - Microchip Technology PIC18C601 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 320 page
background image
PIC18C601/801
DS39541A-page 68
Advance Information
 2001 Microchip Technology Inc.
5.3.2
16-BIT WORD WRITE MODE
Figure 5-6 shows an example of 16-bit Word Write
mode for the PIC18C801.
FIGURE 5-6:
16-BIT WORD WRITE MODE EXAMPLE
5.3.3
16-BIT BYTE SELECT MODE
Figure 5-7 shows an example of 16-bit Byte Select
mode for the PIC18C801.
FIGURE 5-7:
16-BIT BYTE SELECT MODE EXAMPLE
AD<7:0>
PIC18C801
AD<15:8>
ALE
373
A<20:1>
373
OE
WRH
Note 1: This signal only applies to Table Writes. See Section 6.0, Table Reads and Writes.
A<19:16>
A<x:0>
D<15:0>
OE
WR(1)
CE
D<15:0>
JEDEC Word
EPROM Memory
CS1
AD<7:0>
PIC18C801
AD<15:8>
ALE
373
A<20:1>
373
OE
WRH
Note 1: This signal only applies to Table Writes. See Section 6.0, Table Reads and Writes.
A<19:16>
WRL
BA0
JEDEC Word
A<x:1>
D<15:0>
A<20:1>
CE
D<15:0>
I/O
OE WR(1)
A0
BYTE/WORD
FLASH Memory
JEDEC Word
A<x:1>
D<15:0>
CE
D<15:0>
OE
WR(1)
LB
UB
SRAM Memory
LB
UB
CS1
CS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com