Electronic Components Datasheet Search
  English  ▼

X  

PIC18C601 Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 79Page - Microchip Technology PIC18C601 Datasheet HTML 80Page - Microchip Technology PIC18C601 Datasheet HTML 81Page - Microchip Technology PIC18C601 Datasheet HTML 82Page - Microchip Technology PIC18C601 Datasheet HTML 83Page - Microchip Technology PIC18C601 Datasheet HTML 84Page - Microchip Technology PIC18C601 Datasheet HTML 85Page - Microchip Technology PIC18C601 Datasheet HTML 86Page - Microchip Technology PIC18C601 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 83
PIC18C601/801
6.4
Long Writes
Long writes will not be supported on the PIC18C601/801
to program FLASH configuration memory. The configu-
ration locations can only be programmed in ICSP mode.
6.5
External Wait Cycles
The Table Reads and Writes have the capability to
insert wait states when accessing external memory.
These wait states only apply to the execution of a Table
Read or Write to external memory and not to instruction
fetches out of external memory. The guidelines pre-
sented in Section 5.0 must be followed to select the
proper memory speed grade for the device operating
frequency.
The WAIT<1:0> bits in the MEMCON register will select
0, 1, 2, or 3 extra TCY cycles per TBLRD/TBWLT cycle.
The wait will occur on Q4.
The default setting of the wait on power-up is to assert
a maximum wait of 3TCY cycles. This insures that slow
memories will work in Microprocessor mode immedi-
ately after RESET.
Figure 6-11 shows 8-bit external bus timing for a Table
Read with 2 wait cycles. Figure 6-12 shows 16-bit
external bus timing for a Table Read with 1 wait cycle.
FIGURE 6-11:
EXTERNAL INTERFACE TIMING (8-BIT MODE)
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q4
Q4
Q4
Q4
A<19:8>
ALE
OE
ABh
AD<7:0>
CCFh
BA0
33h
Opcode Fetch
MOVLW 55h
03Ah
55h
92h
from 007556h
2TCY Wait
0Eh
Table Read
of 92h
from 199E67h
Q4
Q4
Q4
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Apparent Q
Actual Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com