Electronic Components Datasheet Search
  English  ▼

X  

PIC18C601 Datasheet(PDF) 70 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 70 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 66Page - Microchip Technology PIC18C601 Datasheet HTML 67Page - Microchip Technology PIC18C601 Datasheet HTML 68Page - Microchip Technology PIC18C601 Datasheet HTML 69Page - Microchip Technology PIC18C601 Datasheet HTML 70Page - Microchip Technology PIC18C601 Datasheet HTML 71Page - Microchip Technology PIC18C601 Datasheet HTML 72Page - Microchip Technology PIC18C601 Datasheet HTML 73Page - Microchip Technology PIC18C601 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 320 page
background image
PIC18C601/801
DS39541A-page 70
Advance Information
 2001 Microchip Technology Inc.
5.4
Chip Selects
Chip select signals are used to select regions of exter-
nal memory and I/O devices for access. The
PIC18C801 has three chip selects and all are program-
mable. The chip select signals are CS1, CS2 and
CSIO. CS1 and CS2 are general purpose chip selects
that are used to enable large portions of program mem-
ory. CSIO is used to enable external I/O expansion.
The PIC18C601uses two of these programmable chip
selects: CS1 and CSIO.
Two SFRs are used to control the chip select signals.
These are CSEL2 and CSELIO (see Register 5-2 and
Register 5-3). A chip select signal is asserted low when
the CPU makes an access to a dedicated range of
addresses specified in the chip select registers, CSEL2
and CSELIO. The 8-bit value found in either of these
registers is decoded as one of 256, 8K banks of pro-
gram memory. If both chip select registers are 00h, all
of the chip select signals are disabled and their corre-
sponding pins are configured as I/O. Since the last 512
bytes of program memory are dedicated to internal pro-
gram RAM, the chip select signals will not activate if the
program memory address falls in this range.
REGISTER 5-2:
CSEL2 REGISTER
REGISTER 5-3:
CSELIO REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
CSL7
CSL6
CSL5
CSL4
CSL3
CSL2
CSL1
CSL0
bit 7
bit 0
bit 7-0
CSL<7:0>: Chip Select 2 Address Decode bits
XXh
= All eight bits are compared to the Most Significant bits PC<20:13> of the program
counter. If PC<20:13>
≥ CSL<7:0> register, then the CS2 signal is low.
If PC<20:13> < CSL<7:0>, CS2 is high.
00h
=CS2 is inactive
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
CSIO7
CSIO6
CSIO5
CSIO4
CSIO3
CSIO2
CSIO1
CSIO0
bit7
bit0
bit 7-0
CSIO<7:0>: Chip Select IO Address Decode bits
XXh
= All eight bits are compared to the Most Significant bits PC<20:13> of the program
counter. If PC<20:13>
= CSIO<7:0>, then the CSIO signal is low. If not, CSIO is high.
00h
=CSIO is inactive
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com