Electronic Components Datasheet Search
  English  ▼

X  

PIC18C601 Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 65Page - Microchip Technology PIC18C601 Datasheet HTML 66Page - Microchip Technology PIC18C601 Datasheet HTML 67Page - Microchip Technology PIC18C601 Datasheet HTML 68Page - Microchip Technology PIC18C601 Datasheet HTML 69Page - Microchip Technology PIC18C601 Datasheet HTML 70Page - Microchip Technology PIC18C601 Datasheet HTML 71Page - Microchip Technology PIC18C601 Datasheet HTML 72Page - Microchip Technology PIC18C601 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 69
PIC18C601/801
5.3.4
16-BIT MODE CONTROL SIGNALS
Table 5-3 describes the 16-bit mode control signals for
the PIC18C601/801.
TABLE 5-3:
PIC18C601/801 16-BIT MODE CONTROL SIGNALS
5.3.5
16-BIT MODE TIMING
Figure 5-8 describes the 16-bit mode timing for the
PIC18C601/801.
FIGURE 5-8:
16-BIT MODE TIMING
Name
18C601 16-bit
Mode
18C801 16-bit
Mode
Function
RG0/ALE
ALE
ALE
Address Latch Enable (ALE) control pin
RG1/OE
OE
OE
Output Enable (OE) control pin
RG2/WRL
WRL
WRL
Write Low (WRL) control pin
RG3/WRH
WRH
WRH
Write High (WRH) control pin
RG4/BA0
BA0
BA0
Byte address bit 0
RF3/CSIO
CSIO
CSIO
Chip Select I/O (See Section 5.4)
RF4/CS2
N/A
CS2
Chip Select 2 (See Section 5.4)
RF5/CS1
CS1
CS1
Chip Select 1 (See Section 5.4)
RF6/UB
UB
UB
Upper Byte Enable (UB) control pin
RF7/LB
LB
LB
Lower Byte Enable (LB) control pin
I/O
I/O
I/O
I/O as BYTE/WORD control pin for JEDEC FLASH
A16, AD<15:8>
ALE
OE
AD<7:0>
BA0
Opcode Fetch
MOVLW 55h
from 007556h
Q1
Q2
Q3
Q4
03Ah
0E55h
3AABh
WRH
WRL
‘1’
‘1’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com