Electronic Components Datasheet Search
  English  ▼

X  

PIC18C601 Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 33Page - Microchip Technology PIC18C601 Datasheet HTML 34Page - Microchip Technology PIC18C601 Datasheet HTML 35Page - Microchip Technology PIC18C601 Datasheet HTML 36Page - Microchip Technology PIC18C601 Datasheet HTML 37Page - Microchip Technology PIC18C601 Datasheet HTML 38Page - Microchip Technology PIC18C601 Datasheet HTML 39Page - Microchip Technology PIC18C601 Datasheet HTML 40Page - Microchip Technology PIC18C601 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 37
PIC18C601/801
LATD
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATB
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA
601
801
--xx xxxx
--uu uuuu
--uu uuuu
PORTJ
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTH
601
801
0000 xxxx
0000 uuuu
uuuu uuuu
PORTG
601
801
---x xxxx
---u uuuu
---u uuuu
PORTF
601
801
xxxx x000
uuuu u000
uuuu uuuu
PORTE
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTD
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTB
601
801
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
601
801
--0x 0000
--0u 0000
--uu uuuu
CSEL2
601
801
1111 1111
uuuu uuuu
uuuu uuuu
CSELIO
601
801
1111 1111
uuuu uuuu
uuuu uuuu
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable
Devices
Power-on Reset
MCLR Reset
WDT Reset
Reset
Instruction
Stack Over/Underflow Reset
Wake-up via WDT or
Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ’0’, q = value depends on condition,
r
= reserved, maintain ‘0’
Note 1: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (00008h or 00018h).
3: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH, and TOSL are
updated with the current value of the PC. The SKPTR is modified to point to the next location in the
hardware stack.
4: See Table 3-2 for RESET value for specific condition.
5: This is not a physical register. It is an indirect pointer that addresses another register. The contents
returned is the value contained in the addressed register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com