Electronic Components Datasheet Search
  English  ▼

X  

PIC18C601 Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 44Page - Microchip Technology PIC18C601 Datasheet HTML 45Page - Microchip Technology PIC18C601 Datasheet HTML 46Page - Microchip Technology PIC18C601 Datasheet HTML 47Page - Microchip Technology PIC18C601 Datasheet HTML 48Page - Microchip Technology PIC18C601 Datasheet HTML 49Page - Microchip Technology PIC18C601 Datasheet HTML 50Page - Microchip Technology PIC18C601 Datasheet HTML 51Page - Microchip Technology PIC18C601 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 320 page
background image
PIC18C601/801
DS39541A-page 48
Advance Information
 2001 Microchip Technology Inc.
4.7.1
TWO-WORD INSTRUCTIONS
PIC18C601/801 devices have four two-word instruc-
tions: MOVFF, CALL, GOTO and LFSR. The second
word of these instructions has the four MSB’s set to 1’s
and is a special kind of NOP instruction. The lower 12
bits of the second word contain data to be used by the
instruction. If the first word of the instruction is exe-
cuted, the data in the second word is accessed. If the
second word of the instruction is executed by itself (first
word was skipped), it will execute as a NOP. This action
is necessary when the two-word instruction is preceded
by a conditional instruction that changes the PC and
skips one instruction. A program example that demon-
strates this concept is shown in Example 4-3. Refer to
Section 19.0 for further details of the instruction set.
4.8
Lookup Tables
Lookup tables are implemented two ways:
• Computed GOTO
• Table Reads
4.8.1
COMPUTED GOTO
A computed GOTO is accomplished by adding an offset
to the program counter (ADDWF PCL).
A lookup table can be formed with an ADDWF
PCL
instruction and a group of RETLW
0xnn
instructions.
WREG is loaded with an offset into the table, before exe-
cuting a call to that table. The first instruction of the called
routine is the ADDWF PCL instruction. The next instruc-
tion executed will be one of the RETLW 0xnn instruc-
tions that returns the value 0xnn to the calling function.
The offset value (value in WREG) specifies the number
of bytes that the program counter should advance.
In this method, only one data byte may be stored in
each instruction location and room on the return
address stack is required.
4.8.2
TABLE READS/TABLE WRITES
A better method of storing data in program memory
allows 2 bytes of data to be stored in each instruction
location.
Lookup table data may be stored as 2 bytes per pro-
gram word by using table reads and writes. The table
pointer (TBLPTR) specifies the byte address and the
table latch (TABLAT) contains the data that is read
from, or written to, program memory. Data is trans-
ferred to/from program memory one byte at a time.
A description of the Table Read/Table Write operation
is shown in Section 6.0.
EXAMPLE 4-3:
Two-Word Instructions
Warning: The LSb of the PCL is fixed to a value of ‘0’.
Hence, computed GOTO to an odd address
is not possible.
Note:
If execution is taking place from Boot RAM
Program
Memory,
RETLW
instructions
must be used to read lookup values from
the Boot RAM itself.
CASE 1:
Object Code
Source Code
0110 0110 0000 0000
TSTFSZ
REG1
; is RAM location 0?
1100 0001 0010 0011
MOVFF
REG1, REG2
; No, execute 2-word instruction
1111 0100 0101 0110
; 2nd operand holds address of REG2
0010 0100 0000 0000
ADDWF
REG3
; continue code
CASE 2:
Object Code
Source Code
0110 0110 0000 0000
TSTFSZ
REG1
; is RAM location 0?
1100 0001 0010 0011
MOVFF
REG1, REG2
; Yes
1111 0100 0101 0110
; 2nd operand executed as NOP
0010 0100 0000 0000
ADDWF
REG3
; continue code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com