| Electronic Components Datasheet Search |
|
PIC18C601 Datasheet(PDF) 46 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18C601 Datasheet(HTML) 46 Page - Microchip Technology |
|
46 / 320 page ![]() PIC18C601/801 DS39541A-page 46 Advance Information 2001 Microchip Technology Inc. 4.4 PCL, PCLATH and PCLATU The program counter (PC) specifies the address of the instruction to fetch for execution. The PC is 21-bits wide. The low byte is called the PCL register. This reg- ister is readable and writable. The high byte is called the PCH register. This register contains the PC<15:8> bits and is not directly readable or writable. Updates to the PCH register may be performed through the PCLATH register. The upper byte is called PCU. This register contains the PC<20:16> bits and is not directly readable or writable. Updates to the PCU register may be performed through the PCLATU register. The PC addresses bytes in the program memory. To prevent the PC from becoming misaligned with word instructions, the LSb of the PCL is fixed to a value of ’0’. The PC increments by 2 to address sequential instruc- tions in the program memory. The CALL, RCALL, GOTO and program branch instructions write to the program counter directly. For these instructions, the contents of PCLATH and PCLATU are not transferred to the program counter. The contents of PCLATH and PCLATU will be trans- ferred to the program counter by an operation that writes PCL. Similarly, the upper two bytes of the pro- gram counter will be transferred to PCLATH and PCLATU by an operation that reads PCL. This is useful for computed offsets to the PC (See Section 4.8.1). 4.5 Clocking Scheme/Instruction Cycle The clock input (from OSC1 or PLL output) is internally divided by four to generate four non-overlapping quadrature clocks, namely Q1, Q2, Q3 and Q4. Inter- nally, the program counter (PC) is incremented every Q1, the instruction is fetched from the program memory and latched into the instruction register in Q4. The instruction is decoded and executed during the follow- ing Q1 through Q4. The clocks and instruction execu- tion flow are shown in Figure 4-6. FIGURE 4-6: CLOCK/INSTRUCTION CYCLE Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 OSC1 Q1 Q2 Q3 Q4 PC OSC2/CLKOUT (RC mode) PC PC+2 PC+4 Fetch INST (PC) Execute INST (PC-2) Fetch INST (PC+2) Execute INST (PC) Fetch INST (PC+4) Execute INST (PC+2) Internal Phase Clock |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |