Electronic Components Datasheet Search
  English  ▼

X  

PIC18C601 Datasheet(PDF) 94 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 94 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 90Page - Microchip Technology PIC18C601 Datasheet HTML 91Page - Microchip Technology PIC18C601 Datasheet HTML 92Page - Microchip Technology PIC18C601 Datasheet HTML 93Page - Microchip Technology PIC18C601 Datasheet HTML 94Page - Microchip Technology PIC18C601 Datasheet HTML 95Page - Microchip Technology PIC18C601 Datasheet HTML 96Page - Microchip Technology PIC18C601 Datasheet HTML 97Page - Microchip Technology PIC18C601 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 320 page
background image
PIC18C601/801
DS39541A-page 94
Advance Information
 2001 Microchip Technology Inc.
8.1.2
PIR REGISTERS
The Peripheral Interrupt Request (PIR) registers con-
tain the individual flag bits for the peripheral interrupts
(Register 8-5). There are two Peripheral Interrupt
Request (Flag) registers (PIR1, PIR2).
8.1.3
PIE REGISTERS
The Peripheral Interrupt Enable (PIE) registers contain
the individual enable bits for the peripheral interrupts
(Register 8-6). There are two two Peripheral Interrupt
Enable registers (PIE1, PIE2). When IPEN is clear, the
PEIE bit must be set to enable any of these peripheral
interrupts.
8.1.4
IPR REGISTERS
The Interrupt Priority (IPR) registers contain the individ-
ual priority bits for the peripheral interrupts (Register 8-9).
There are two Peripheral Interrupt Priority registers
(IPR1, IPR2). The operation of the priority bits requires
that the Interrupt Priority Enable bit (IPEN) be set.
8.1.5
RCON REGISTER
The Reset Control (RCON) register contains the bit that
is used to enable prioritized interrupts (IPEN).
REGISTER 8-4:
RCON REGISTER
Note 1: Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit, or the global
enable bit, GIE (INTCON register).
2: User software should ensure the appropri-
ate interrupt flag bits are cleared prior to
enabling an interrupt, and after servicing
that interrupt.
R/W-0
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-0
U-0
IPEN
r
—
RI
TO
PD
POR
r
bit 7
bit 0
bit 7
IPEN: Interrupt Priority Enable bit
1
= Enable priority levels on interrupts
0
= Disable priority levels on interrupts (16CXXX compatibility mode)
bit 6
Reserved: Maintain as '0'
bit 5
Unimplemented: Read as '0'
bit 4
RI: RESET Instruction Flag bit
For details of bit operation, see Register 4-4
bit 3
TO: Watchdog Time-out Flag bit
For details of bit operation, see Register 4-4
bit 2
PD: Power-down Detection Flag bit
For details of bit operation, see Register 4-4
bit 1
POR: Power-on Reset Status bit
For details of bit operation, see Register 4-4
bit 0
Reserved: Maintain as '0'
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com