Electronic Components Datasheet Search
  English  ▼

X  

PIC18C601 Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 63Page - Microchip Technology PIC18C601 Datasheet HTML 64Page - Microchip Technology PIC18C601 Datasheet HTML 65Page - Microchip Technology PIC18C601 Datasheet HTML 66Page - Microchip Technology PIC18C601 Datasheet HTML 67Page - Microchip Technology PIC18C601 Datasheet HTML 68Page - Microchip Technology PIC18C601 Datasheet HTML 69Page - Microchip Technology PIC18C601 Datasheet HTML 70Page - Microchip Technology PIC18C601 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 67
PIC18C601/801
5.3
16-bit Mode
The External Memory Interface can operate in 16-bit
mode. The mode selection is not software configurable,
but is programmable via the configuration bits.
The WM<1:0> bits in the MEMCON register determine
three types of connections in 16-bit mode. They are
referred to as:
• 16-bit Byte Write
• 16-bit Word Write
• 16-bit Byte Select
These three different configurations allow the designer
maximum flexibility in using 8-bit and 16-bit memory
devices.
For all 16-bit modes, the Address Latch Enable (ALE)
pin indicates that the address bits A<15:0> are avail-
able on the External Memory Interface bus. Following
the address latch, the output enable signal (OE ) will
enable both bytes of program memory at once to form
a 16-bit instruction word.
In Byte Select mode, JEDEC standard FLASH memo-
ries will require BA0 for the byte address line, and one
I/O line, to select between byte and word mode. The
other 16-bit modes do not need BA0. JEDEC standard
static RAM memories will use the UB or UL signals for
byte selection.
5.3.1
16-BIT BYTE WRITE MODE
Figure 5-5 shows an example of 16-bit Byte Write
mode for the PIC18C601/801.
FIGURE 5-5:
16-BIT BYTE WRITE MODE EXAMPLE
AD<15:8>
A<19:16>
ALE
D<7:0>
373
A<x:0>
D<7:0>
A<19:0>
A<x:0>
D<7:0>
373
OE
WRH
OE
OE
WR(1)
WR(1)
CE
CE
Note 1: This signal only applies to Table Writes. See Section 6.0, Table Reads and Writes.
WRL
D<15:8>
(LSB)
(MSB)
PIC18C801
D<7:0>
AD<7:0>
CS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com