Electronic Components Datasheet Search
  English  ▼

X  

PIC18C601 Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 109Page - Microchip Technology PIC18C601 Datasheet HTML 110Page - Microchip Technology PIC18C601 Datasheet HTML 111Page - Microchip Technology PIC18C601 Datasheet HTML 112Page - Microchip Technology PIC18C601 Datasheet HTML 113Page - Microchip Technology PIC18C601 Datasheet HTML 114Page - Microchip Technology PIC18C601 Datasheet HTML 115Page - Microchip Technology PIC18C601 Datasheet HTML 116Page - Microchip Technology PIC18C601 Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 113
PIC18C601/801
9.5
PORTE, TRISE and LATE
Registers
PORTE is an 8-bit wide, bi-directional port. The corre-
sponding data direction register is TRISE. Setting a
TRISE bit (= 1) will make the corresponding PORTE pin
an input (i.e., put the corresponding output driver in a
Hi-Impedance mode). Clearing a TRISE bit (= 0) will
make the corresponding PORTE pin an output (i.e., put
the contents of the output latch on the selected pin).
Read-modify-write operations on the LATE register
reads and writes the latched output value for PORTE.
PORTE is an 8-bit port with Schmitt Trigger input buff-
ers. Each pin is individually configurable as an input or
output. PORTE is multiplexed with several peripheral
functions (Table 9-9).
PORTE is multiplexed with the system bus and is avail-
able only when the system bus is disabled, by setting
EBDIS bit in register MEMCON. When operating as the
system bus, PORTE is configured as the high order
byte of the address/data bus (AD15:AD8), or as the
high order address byte (A15:A8), if address and data
buses are de-multiplexed.
EXAMPLE 9-5:
INITIALIZING PORTE
FIGURE 9-9:
PORTE BLOCK DIAGRAM IN I/O MODE
Note:
On Power-on Reset, PORTE defaults to
the system bus.
CLRF
PORTE
; Initialize PORTE by
; clearing output
; data latches
CLRF
LATE
; Alternate method
; to clear output
; data latches
MOVLW
03h
; Value used to
; initialize data
; direction
MOVWF
TRISE
; Set RE1:RE0 as inputs
; RE7:RE2 as outputs
Peripheral Out Select
Data Bus
WR LATE
WR TRISE
Data Latch
TRIS Latch
RD TRISE
Q
D
Q
CK
QD
EN
Peripheral Data Out
0
1
Q
D
Q
CK
P
N
VDD
VSS
RD PORTE
Peripheral Data In
I/O pin(1)
or
WR PORTE
RD LATE
Schmitt
Trigger
Note 1: I/O pins have diode protection to VDD and VSS.
TRIS
Override
Peripheral Enable
TRIS OVERRIDE
Pin
Override
Peripheral
RE0
Yes
External Bus
RE1
Yes
External Bus
RE2
Yes
External Bus
RE3
Yes
External Bus
RE4
Yes
External Bus
RE5
Yes
External Bus
RE6
Yes
External Bus
RE7
Yes
External Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com