Electronic Components Datasheet Search
  English  ▼

X  

PIC18C601 Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 117Page - Microchip Technology PIC18C601 Datasheet HTML 118Page - Microchip Technology PIC18C601 Datasheet HTML 119Page - Microchip Technology PIC18C601 Datasheet HTML 120Page - Microchip Technology PIC18C601 Datasheet HTML 121Page - Microchip Technology PIC18C601 Datasheet HTML 122Page - Microchip Technology PIC18C601 Datasheet HTML 123Page - Microchip Technology PIC18C601 Datasheet HTML 124Page - Microchip Technology PIC18C601 Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 121
PIC18C601/801
9.8
PORTH, LATH, and TRISH
Registers
PORTH is an 8-bit wide, bi-directional I/O port. The cor-
responding data direction register is TRISH. Setting a
TRISH bit (= 1) will make the corresponding PORTH
pin an input (i.e., put the corresponding output driver in
a Hi-Impedance mode). Clearing a TRISH bit (= 0) will
make the corresponding PORTH pin an output (i.e., put
the contents of the output latch on the selected pin).
Read-modify-write operations on the LATH register
read and write the latched output value for PORTH.
Pins RH7:RH4 are multiplexed with analog inputs
AN18:AN11, while pins RH3:RH0 are multiplexed with
system address bus A19:A16. By default, pins
RH7:RH4 will setup as A/D inputs and pins RH3:RH0
will setup as system address bus. Register ADCON1
configures RH7:RH4 as I/O or A/D inputs. Register
MEMCON configures RH3:RH0 as I/O or system bus
pins.
EXAMPLE 9-9:
INITIALIZING PORTH
FIGURE 9-16:
RH3:RH0 PINS BLOCK
DIAGRAM IN I/O MODE
FIGURE 9-17:
RH7:RH4 PINS BLOCK
DIAGRAM
Note:
PORTH is available only on PIC18C801
devices.
Note 1: On
Power-on
Reset,
PORTH
pins
RH7:RH4 default to A/D inputs and read
as ’0’.
2: On
Power-on
Reset,
PORTH
pins
RH3:RH0 default to system bus signals.
CLRF
PORTH
; Initialize PORTH by
; clearing output
; data latches
CLRF
LATH
; Alternate method
; to clear output
; data latches
MOVLW
0Fh
;
MOVWF
ADCON1
;
MOVLW
0CFh
; Value used to
; initialize data
; direction
MOVWF
TRISH
; Set RH3:RH0 as inputs
; RH5:RH4 as outputs
; RH7:RH6 as inputs
Data
Bus
WR LATH
WR TRISH
RD PORTH
Data Latch
TRIS Latch
RD TRISH
Schmitt
Trigger
Input
Buffer
I/O pin(1)
Q
D
CK
Q
D
CK
EN
QD
EN
RD LATH
or
PORTH
Note 1: I/O pins have diode protection to VDD and VSS.
Data
Bus
WR LATH
WR TRISH
RD PORTH
Data Latch
TRIS Latch
RD TRISH
Schmitt
Trigger
Input
Buffer
I/O pin(1)
Q
D
CK
Q
D
CK
EN
QD
EN
RD LATH
or
PORTH
To A/D Converter
Note 1: I/O pins have diode protection to VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com