Electronic Components Datasheet Search
  English  ▼

X  

PIC18C601 Datasheet(PDF) 183 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 183 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 179Page - Microchip Technology PIC18C601 Datasheet HTML 180Page - Microchip Technology PIC18C601 Datasheet HTML 181Page - Microchip Technology PIC18C601 Datasheet HTML 182Page - Microchip Technology PIC18C601 Datasheet HTML 183Page - Microchip Technology PIC18C601 Datasheet HTML 184Page - Microchip Technology PIC18C601 Datasheet HTML 185Page - Microchip Technology PIC18C601 Datasheet HTML 186Page - Microchip Technology PIC18C601 Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 183
PIC18C601/801
16.2
USART Asynchronous Mode
In this mode, data is transmitted in non-return-to-zero
(NRZ) format. Data consists of one START bit, eight or
nine data bits and one STOP bit. Data is transmitted in
serial fashion with LSb first. An on-chip 8-bit baud rate
generator can be programmed to generate the desired
baud rate. The baud rate generator produces a clock,
either x16 or x64 of the bit shift rate, depending on the
BRGH bit (TXSTA register). USART does not automat-
ically calculate the parity bit for the given data byte. If
parity is to be transmitted, USART must be pro-
grammed to transmit nine bits and software must set/
clear ninth data bit as parity bit. Asynchronous mode is
stopped during SLEEP.
Asynchronous mode is selected by clearing the SYNC
bit (TXSTA register).
The USART Asynchronous module consists of the fol-
lowing important elements:
• Baud Rate Generator
• Sampling Circuit
• Asynchronous Transmitter
• Asynchronous Receiver
16.2.1
USART ASYNCHRONOUS
TRANSMITTER
The USART transmitter block diagram is shown in
Figure 16-1. The heart of the transmitter is the Transmit
(serial) Shift Register (TSR). The TSR register obtains
its data from the Read/Write Transmit Buffer register
(TXREG). The TXREG register is loaded with data in
software. The TSR register is not loaded until the STOP
bit has been transmitted from the previous load. As
soon as the STOP bit is transmitted, the TSR is loaded
with new data from the TXREG register (if available).
Once the TXREG register transfers the data to the TSR
register (occurs in one TCY), the TXREG register is
empty and flag bit TXIF (PIR registers) is set. This inter-
rupt can be enabled/disabled by setting/clearing
enable bit TXIE (PIE registers). Flag bit TXIF will be
set, regardless of the state of enable bit TXIE and can-
not be cleared in software. It will reset only when new
data is loaded into the TXREG register. While flag bit
TXIF indicated the status of the TXREG register,
another bit TRMT (TXSTA register) shows the status of
the TSR register. Status bit TRMT is a read only bit,
which is set when the TSR register is empty. No inter-
rupt logic is tied to this bit, so the user has to poll this
bit in order to determine if the TSR register is empty.
Steps to follow when setting up an Asynchronous
Transmission:
1.
Initialize the SPBRG register for the appropriate
baud rate. If a high speed baud rate is desired,
set bit BRGH (Section 16.1).
2.
Enable the asynchronous serial port by clearing
bit SYNC and setting bit SPEN.
3.
If interrupts are desired, set enable bit TXIE.
4.
If 9-bit transmission is desired, set transmit bit
TX9. Can be used as address/data bit.
5.
Enable the transmission by setting bit TXEN,
which will also set bit TXIF.
6.
If 9-bit transmission is selected, the ninth bit
should be loaded in bit TX9D.
7.
Load data to the TXREG register (starts trans-
mission).
FIGURE 16-1:
USART TRANSMIT BLOCK DIAGRAM
Note 1: The TSR register is not mapped in data
memory, so it is not available to the user.
2: Flag bit TXIF is set when enable bit TXEN
is set.
TXIF
TXIE
Interrupt
TXEN
Baud Rate CLK
SPBRG
Baud Rate Generator
TX9D
MSb
LSb
Data Bus
TXREG Register
TSR Register
(8)
0
TX9
TRMT
SPEN
RC6/TX/CK pin
Pin Buffer
and Control
8
• • •
Note:
I/O pins have diode protection to VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com