Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPEUR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPEUR
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPEUR Datasheet(HTML) 34 Page - Texas Instruments

Back Button MSP430F6779IPEUR Datasheet HTML 30Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 31Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 32Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 33Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 34Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 35Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 36Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 37Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
Table 17. Default Port Mapping (continued)
PIN NAME
PxMAPy
INPUT PIN FUNCTION
OUTPUT PIN FUNCTION
MNEMONIC
PEU
PZ
P3.5/PM_UCA1TXD/
P3.5/PM_UCA1TXD/
PM_UCA1TXD/
eUSCI_A1 UART TXD (direction controlled by eUSCI – output),
PM_UCA1SIMO
PM_UCA1SIMO/S35
PM_UCA1SIMO
eUSCI_A1 SPI slave in master out (direction controlled by eUSCI)
P3.6/PM_UCA2RXD/
P3.6/PM_UCA2RXD/
PM_UCA2RXD/
eUSCI_A2 UART RXD (direction controlled by eUSCI – input),
PM_UCA2SOMI/
PM_UCA2SOMI/S34
PM_UCA2SOMI
eUSCI_A2 SPI slave out master in (direction controlled by eUSCI)
P3.7/PM_UCA2TXD/
P3.7/PM_UCA2TXD/
PM_UCA2TXD/
eUSCI_A2 UART TXD (direction controlled by eUSCI – output),
PM_UCA2SIMO
PM_UCA2SIMO/S33
PM_UCA2SIMO
eUSCI_A2 SPI slave in master out (direction controlled by eUSCI)
P4.0/PM_UCA2CLK
P4.0/PM_UCA2CLK/S32
PM_UCA2CLK
eUSCI_A2 clock input/output (direction controlled by eUSCI)
P4.1/PM_UCA3RXD/
P4.1/PM_UCA3RXD/
PM_UCA3RXD/
eUSCI_A3 UART RXD (direction controlled by eUSCI – input),
PM_UCA3SOMI/
PM_UCA3SOMI/S31
PM_UCA3SOMI
eUSCI_A3 SPI slave out master in (direction controlled by eUSCI)
P4.2/PM_UCA3TXD/
P4.2/PM_UCA3TXD/
PM_UCA3TXD/
eUSCI_A3 UART TXD (direction controlled by eUSCI – output),
PM_UCA3SIMO
PM_UCA3SIMO/S30
PM_UCA3SIMO
eUSCI_A3 SPI slave in master out (direction controlled by eUSCI)
P4.3/PM_UCA3CLK
P4.3/PM_UCA3CLK/S29
PM_UCA3CLK
eUSCI_A3 clock input/output (direction controlled by eUSCI)
P4.4/PM_UCB1SOMI/
P4.4/PM_UCB1SOMI/
PM_UCB1SOMI/
eUSCI_B1 SPI slave out master in (direction controlled by eUSCI),
PM_UCB1SCL
PM_UCB1SCL/S28
PM_UCB1SCL
eUSCI_B1 I2C clock (open drain and direction controlled by eUSCI)
P4.5/PM_UCB1SIMO/
P4.5/PM_UCB1SIMO/
PM_UCB1SIMO/
eUSCI_B1 SPI slave in master out (direction controlled by eUSCI),
PM_UCB1SDA
PM_UCB1SDA/S27
PM_UCB1SDA
eUSCI_B1 I2C data (open drain and direction controlled by eUSCI)
P4.6/PM_UCB1CLK
P4.6/PM_UCB1CLK/S26
PM_UCB1CLK
eUSCI_B1 clock input/output (direction controlled by eUSCI)
P4.7/PM_TA3.0
P4.7/PM_TA3.0/S25
PM_TA3.0
TA3 CCR0 capture input CCI0A
TA3 CCR0 compare output Out0
System Module (SYS) (Link to User's Guide)
The SYS module handles many of the system functions within the device. These include power on reset and
power up clear handling, NMI source selection and management, reset interrupt vector generators, boot strap
loader entry mechanisms, as well as, configuration management (device descriptors). It also includes a data
exchange mechanism via JTAG called a JTAG mailbox that can be used in the application.
Table 18. System Module Interrupt Vector Registers
INTERRUPT VECTOR REGISTER
ADDRESS
INTERRUPT EVENT
VALUE
PRIORITY
SYSRSTIV , System Reset
019Eh
No interrupt pending
00h
Brownout (BOR)
02h
Highest
RST/NMI (POR)
04h
DoBOR (BOR)
06h
Wakeup from LPMx.5
08h
Security violation (BOR)
0Ah
SVSL (POR)
0Ch
SVSH (POR)
0Eh
SVML_OVP (POR)
10h
SVMH_OVP (POR)
12h
DoPOR (POR)
14h
WDT timeout (PUC)
16h
WDT key violation (PUC)
18h
KEYV flash key violation (PUC)
1Ah
Reserved
1Ch
Peripheral area fetch (PUC)
1Eh
PMM key violation (PUC)
20h
Reserved
22h to 3Eh
Lowest
SYSSNIV , System NMI
019Ch
No interrupt pending
00h
SVMLIFG
02h
Highest
SVMHIFG
04h
DLYLIFG
06h
DLYHIFG
08h
34
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com