Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPEUR Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPEUR
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPEUR Datasheet(HTML) 62 Page - Texas Instruments

Back Button MSP430F6779IPEUR Datasheet HTML 58Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 59Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 60Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 61Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 62Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 63Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 64Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 65Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
Outputs – General Purpose I/O (Full Drive Strength)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
I(OHmax) = –3 mA
(1)
1.55
1.80
1.8 V
I(OHmax) = –10 mA
(1)
1.20
1.80
VOH
High-level output voltage
V
I(OHmax) = –5 mA
(1)
2.75
3.00
3 V
I(OHmax) = –15 mA
(1)
2.40
3.00
I(OLmax) = 3 mA
(2)
0.00
0.25
1.8 V
I(OLmax) = 10 mA
(3)
0.00
0.60
VOL
Low-level output voltage
V
I(OLmax) = 5 mA
(2)
0.00
0.25
3 V
I(OLmax) = 15 mA
(3)
0.00
0.60
(1)
The maximum total current, I(OHmax), for all outputs combined should not exceed ±20 mA to hold the maximum voltage drop specified.
See Recommended Operating Conditions for more details.
(2)
The maximum total current, I(OLmax), for all outputs combined should not exceed ±48 mA to hold the maximum voltage drop specified.
(3)
The maximum total current, I(OLmax), for all outputs combined should not exceed ±100 mA to hold the maximum voltage drop specified.
Outputs – General Purpose I/O (Reduced Drive Strength)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
I(OHmax) = –1 mA
(2)
1.55
1.80
1.8 V
I(OHmax) = –3 mA
(2)
1.20
1.80
VOH
High-level output voltage
V
I(OHmax) = –2 mA
(2)
2.75
3.00
3 V
I(OHmax) = –6 mA
(2)
2.40
3.00
I(OLmax) = 1 mA
(3)
0.00
0.25
1.8 V
I(OLmax) = 3 mA
(4)
0.00
0.60
VOL
Low-level output voltage
V
I(OLmax) = 2 mA
(3)
0.00
0.25
3 V
I(OLmax) = 6 mA
(4)
0.00
0.60
(1)
Selecting reduced drive strength may reduce EMI.
(2)
The maximum total current, I(OHmax), for all outputs combined should not exceed ±20 mA to hold the maximum voltage drop specified.
See Recommended Operating Conditions for more details.
(3)
The maximum total current, I(OLmax), for all outputs combined, should not exceed ±48 mA to hold the maximum voltage drop specified.
(4)
The maximum total current, I(OLmax), for all outputs combined, should not exceed ±100 mA to hold the maximum voltage drop specified.
Output Frequency – General Purpose I/O
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
(1) (2)V
CC = 1.8 V,
16
PMMCOREVx = 0
fPx.y
Port output frequency (with load)
MHz
VCC = 3 V,
25
PMMCOREVx = 3
VCC = 1.8 V,
ACLK
16
PMMCOREVx = 0
SMCLK
fPort_CLK
Clock output frequency
MHz
MCLK
VCC = 3 V,
25
CL = 20 pF
(2)
PMMCOREVx = 3
(1)
A resistive divider with 2 × R1 between VCC and VSS is used as load. The output is connected to the center tap of the divider. For full
drive strength, R1 = 550
Ω. For reduced drive strength, R1 = 1.6 kΩ. CL = 20 pF is connected to the output to VSS.
(2)
The output voltage reaches at least 10% and 90% VCC at the specified toggle frequency.
62
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com