Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPEUR Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPEUR
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPEUR Datasheet(HTML) 69 Page - Texas Instruments

Back Button MSP430F6779IPEUR Datasheet HTML 65Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 66Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 67Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 68Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 69Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 70Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 71Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 72Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
PMM, SVM High Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SVMHE = 0, DVCC = 3.6 V
0
nA
I(SVMH)
SVMH current consumption
SVMHE = 1, DVCC = 3.6 V, SVMHFP = 0
200
nA
SVMHE = 1, DVCC = 3.6 V, SVMHFP = 1
1.5
µA
SVMHE = 1, SVSMHRRL = 0
1.63
1.73
1.83
SVMHE = 1, SVSMHRRL = 1
1.83
1.93
2.03
SVMHE = 1, SVSMHRRL = 2
2.03
2.13
2.23
SVMHE = 1, SVSMHRRL = 3
2.13
2.23
2.33
V(SVMH)
SVMH on or off voltage level
(1)
SVMHE = 1, SVSMHRRL = 4
2.28
2.40
2.53
V
SVMHE = 1, SVSMHRRL = 5
2.55
2.70
2.81
SVMHE = 1, SVSMHRRL = 6
2.88
3.02
3.18
SVMHE = 1, SVSMHRRL = 7
2.88
3.02
3.18
SVMHE = 1, SVMHOVPE = 1
3.77
SVMHE = 1, dVDVCC/dt = 10 mV/µs, SVMHFP = 1
2.5
tpd(SVMH)
SVMH propagation delay
µs
SVMHE = 1, dVDVCC/dt = 1 mV/µs, SVMHFP = 0
20
SVMHE = 0
→ 1, dVDVCC/dt = 10 mV/µs,
12.5
SVMHFP = 1
t(SVMH)
SVMH on or off delay time
µs
SVMHE = 0
→ 1, dVDVCC/dt = 1 mV/µs,
100
SVMHFP = 0
(1)
The SVMH settings available depend on the VCORE (PMMCOREVx) setting. See the Power Management Module and Supply Voltage
Supervisor chapter in the MSP430x5xx and MSP430x6xx Family User's Guide (SLAU208) on recommended settings and use.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com