Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPEUR Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPEUR
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPEUR Datasheet(HTML) 51 Page - Texas Instruments

Back Button MSP430F6779IPEUR Datasheet HTML 47Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 48Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 49Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 50Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 51Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 52Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 53Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 54Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
Table 59. eUSCI_A1 Registers (Base Address:05E0h)
REGISTER DESCRIPTION
REGISTER
OFFSET
USCI_A control word 0
UCA1CTLW0
00h
USCI _A control word 1
UCA1CTLW1
02h
USCI_A baud rate 0
UCA1BR0
06h
USCI_A baud rate 1
UCA1BR1
07h
USCI_A modulation control
UCA1MCTLW
08h
USCI_A status
UCA1STAT
0Ah
USCI_A receive buffer
UCA1RXBUF
0Ch
USCI_A transmit buffer
UCA1TXBUF
0Eh
USCI_A LIN control
UCA1ABCTL
10h
USCI_A IrDA transmit control
UCA1IRTCTL
12h
USCI_A IrDA receive control
UCA1IRRCTL
13h
USCI_A interrupt enable
UCA1IE
1Ah
USCI_A interrupt flags
UCA1IFG
1Ch
USCI_A interrupt vector word
UCA1IV
1Eh
Table 60. eUSCI_A2 Registers (Base Address:0600h)
REGISTER DESCRIPTION
REGISTER
OFFSET
USCI_A control word 0
UCA2CTLW0
00h
USCI _A control word 1
UCA2CTLW1
02h
USCI_A baud rate 0
UCA2BR0
06h
USCI_A baud rate 1
UCA2BR1
07h
USCI_A modulation control
UCA2MCTLW
08h
USCI_A status
UCA2STAT
0Ah
USCI_A receive buffer
UCA2RXBUF
0Ch
USCI_A transmit buffer
UCA2TXBUF
0Eh
USCI_A LIN control
UCA2ABCTL
10h
USCI_A IrDA transmit control
UCA2IRTCTL
12h
USCI_A IrDA receive control
UCA2IRRCTL
13h
USCI_A interrupt enable
UCA2IE
1Ah
USCI_A interrupt flags
UCA2IFG
1Ch
USCI_A interrupt vector word
UCA2IV
1Eh
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com