Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPEUR Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPEUR
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPEUR Datasheet(HTML) 72 Page - Texas Instruments

Back Button MSP430F6779IPEUR Datasheet HTML 68Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 69Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 70Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 71Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 72Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 73Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 74Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 75Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
Auxiliary Supplies - Switch On-Resistance
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
On-resistance of switch
RON,DVCC
ILOAD = ICORE + IIO = 10 mA + 10 mA = 20 mA
5
Ω
between DVCC and VDSYS
On-resistance of switch
RON,DAUX1
ILOAD = ICORE + IIO = 10 mA + 10 mA = 20 mA
5
Ω
between AUX1 and VDSYS
On-resistance of switch
RON,DAUX2
ILOAD = ICORE + IIO = 10 mA + 10 mA = 20 mA
5
Ω
between AUX2 and VDSYS
On-resistance of switch
RON,AVCC
ILOAD = IModules = 10 mA
5
Ω
between AVCC and VASYS
On-resistance of switch
RON,AAUX1
ILOAD = IModules = 5 mA
20
Ω
between AUX1 and VASYS
On-resistance of switch
RON,AAUX2
ILOAD = IModules = 5 mA
20
Ω
between AUX2 and VASYS
Auxiliary Supplies - Switching Time
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Time from occurrence of trigger (SVM or software)
tSwitch
100
ns
to "new" supply connected to system supplies
"Recovery time" after a switch over took place.
tRecover
170
480
µs
During that time no further switching takes place.
Auxiliary Supplies - Switch Leakage
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Current into DVCC, AVCC, AUX1, or
Per supply (but not the highest
ISW,Lkg
75
250
nA
AUX2 if not selected
supply)
IVmax
Current drawn from highest supply
500
700
nA
Auxiliary Supplies - Auxiliary Supplies to ADC10_A
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
1.8 V
0.57
0.6
0.63
Supply voltage divider
V3
3 V
0.95
1.0
1.05
V
V3 = VSupply/3
3.6 V
1.14
1.2
1.26
AUXADCRx = 0
15
k
Ω
RV3
Load resistance
AUXADCRx = 1
1.5
k
Ω
AUXADCRx = 2
0.6
k
Ω
AUXADCRx = 0
1000
ns
Sampling time required if V3
Error of conversion
tSample,V3
AUXADCRx = 1
1000
ns
selected.
result
≤ 1 LSB
AUXADCRx = 2
1000
ns
Auxiliary Supplies - Charge Limiting Resistor
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
CHCx = 1
3 V
5
RCHARGE Charge limiting resistor
CHCx = 2
3 V
10
k
Ω
CHCx = 3
3 V
20
72
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com