Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPEUR Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPEUR
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPEUR Datasheet(HTML) 68 Page - Texas Instruments

Back Button MSP430F6779IPEUR Datasheet HTML 64Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 65Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 66Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 67Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 68Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 69Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 70Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 71Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
PMM, SVS High Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SVSHE = 0, DVCC = 3.6 V
0
nA
I(SVSH)
SVS current consumption
SVSHE = 1, DVCC = 3.6 V, SVSHFP = 0
200
nA
SVSHE = 1, DVCC = 3.6 V, SVSHFP = 1
1.5
µA
SVSHE = 1, SVSHRVL = 0
1.60
1.65
1.75
SVSHE = 1, SVSHRVL = 1
1.77
1.84
1.95
V(SVSH_IT–)
SVSH on voltage level
V
SVSHE = 1, SVSHRVL = 2
1.93
2.00
2.12
SVSHE = 1, SVSHRVL = 3
2.09
2.16
2.29
SVSHE = 1, SVSMHRRL = 0
1.65
1.75
1.85
SVSHE = 1, SVSMHRRL = 1
1.85
1.95
2.05
SVSHE = 1, SVSMHRRL = 2
2.05
2.15
2.25
SVSHE = 1, SVSMHRRL = 3
2.15
2.25
2.35
V(SVSH_IT+)
SVSH off voltage level
V
SVSHE = 1, SVSMHRRL = 4
2.30
2.40
2.55
SVSHE = 1, SVSMHRRL = 5
2.57
2.70
2.83
SVSHE = 1, SVSMHRRL = 6
2.90
3.05
3.20
SVSHE = 1, SVSMHRRL = 7
2.90
3.05
3.20
SVSHE = 1, dVDVCC/dt = 10 mV/µs, SVSHFP = 1
2.5
tpd(SVSH)
SVSH propagation delay
µs
SVSHE = 1, dVDVCC/dt = 1 mV/µs, SVSHFP = 0
20
SVSHE = 0
→ 1, dVDVCC/dt = 10 mV/µs, SVSHFP = 1
12.5
t(SVSH)
SVSH on or off delay time
µs
SVSHE = 0
→ 1, dVDVCC/dt = 1 mV/µs, SVSHFP = 0
100
dVDVCC/dt
DVCC rise time
0
1000
V/s
68
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com