Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPEUR Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPEUR
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPEUR Datasheet(HTML) 47 Page - Texas Instruments

Back Button MSP430F6779IPEUR Datasheet HTML 43Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 44Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 45Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 46Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 47Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 48Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 49Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 50Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
Table 48. TA1 Registers (Base Address: 0380h)
REGISTER DESCRIPTION
REGISTER
OFFSET
TA1 control
TA1CTL
00h
Capture/compare control 0
TA1CCTL0
02h
Capture/compare control 1
TA1CCTL1
04h
TA1 counter register
TA1R
10h
Capture/compare register 0
TA1CCR0
12h
Capture/compare register 1
TA1CCR1
14h
TA1 expansion register 0
TA1EX0
20h
TA1 interrupt vector
TA1IV
2Eh
Table 49. TA2 Registers (Base Address: 0400h)
REGISTER DESCRIPTION
REGISTER
OFFSET
TA2 control
TA2CTL
00h
Capture/compare control 0
TA2CCTL0
02h
Capture/compare control 1
TA2CCTL1
04h
TA2 counter register
TA2R
10h
Capture/compare register 0
TA2CCR0
12h
Capture/compare register 1
TA2CCR1
14h
TA2 expansion register 0
TA2EX0
20h
TA2 interrupt vector
TA2IV
2Eh
Table 50. TA3 Registers (Base Address: 0440h)
REGISTER DESCRIPTION
REGISTER
OFFSET
TA3 control
TA3CTL
00h
Capture/compare control 0
TA3CCTL0
02h
Capture/compare control 1
TA3CCTL1
04h
TA3 counter register
TA3R
10h
Capture/compare register 0
TA3CCR0
12h
Capture/compare register 1
TA3CCR1
14h
TA3 expansion register 0
TA3EX0
20h
TA3 interrupt vector
TA3IV
2Eh
Table 51. Backup Memory Registers (Base Address: 0480h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Backup Memory 0
BAKMEM0
00h
Backup Memory 1
BAKMEM1
02h
Backup Memory 2
BAKMEM2
04h
Backup Memory 3
BAKMEM3
06h
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com