Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPEUR Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPEUR
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPEUR Datasheet(HTML) 56 Page - Texas Instruments

Back Button MSP430F6779IPEUR Datasheet HTML 52Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 53Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 54Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 55Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 56Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 57Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 58Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 59Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
Table 69. LCD_C Registers (Base Address: 0A00h)
REGISTER DESCRIPTION
REGISTER
OFFSET
LCD_C control register 0
LCDCCTL0
000h
LCD_C control register 1
LCDCCTL1
002h
LCD_C blinking control register
LCDCBLKCTL
004h
LCD_C memory control register
LCDCMEMCTL
006h
LCD_C voltage control register
LCDCVCTL
008h
LCD_C port control 0
LCDCPCTL0
00Ah
LCD_C port control 1
LCDCPCTL1
00Ch
LCD_C port control 2
LCDCPCTL2
00Eh
LCD_C charge pump control register
LCDCCPCTL
012h
LCD_C interrupt vector
LCDCIV
01Eh
Static and 2 to 4 mux modes
LCD_C memory 1
LCDM1
020h
LCD_C memory 2
LCDM2
021h
⋮
⋮
⋮
LCD_C memory 20
LCDM20
033h
LCD_C blinking memory 1
LCDBM1
040h
LCD_C blinking memory 2
LCDBM2
041h
⋮
⋮
⋮
LCD_C blinking memory 20
LCDBM20
053h
5 to 8 mux modes
LCD_C memory 1
LCDM1
020h
LCD_C memory 2
LCDM2
021h
⋮
⋮
⋮
LCD_C memory 40
LCDM40
047h
56
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com