Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPEUR Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPEUR
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPEUR Datasheet(HTML) 48 Page - Texas Instruments

Back Button MSP430F6779IPEUR Datasheet HTML 44Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 45Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 46Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 47Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 48Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 49Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 50Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 51Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
Table 52. RTC_C Registers (Base Address: 0C80h)
REGISTER DESCRIPTION
REGISTER
OFFSET
RTC control 0
RTCCTL0
00h
RTC password
RTCPWD
01h
RTC control 1
RTCCTL1
02h
RTC control 3
RTCCTL3
03h
RTC offset calibration
RTCOCAL
04h
RTC temperature compensation
RTCTCMP
06h
RTC prescaler 0 control
RTCPS0CTL
08h
RTC prescaler 1 control
RTCPS1CTL
0Ah
RTC prescaler 0
RTCPS0
0Ch
RTC prescaler 1
RTCPS1
0Dh
RTC interrupt vector word
RTCIV
0Eh
RTC seconds
RTCSEC
10h
RTC minutes
RTCMIN
11h
RTC hours
RTCHOUR
12h
RTC day of week
RTCDOW
13h
RTC days
RTCDAY
14h
RTC month
RTCMON
15h
RTC year
RTCYEAR
16h
RTC alarm minutes
RTCAMIN
18h
RTC alarm hours
RTCAHOUR
19h
RTC alarm day of week
RTCADOW
1Ah
RTC alarm days
RTCADAY
1Bh
Binary-to-BCD conversion register
BIN2BCD
1Ch
BCD-to-Binary conversion register
BCD2BIN
1Eh
Real-Time Clock Time Capture Control Register
RTCTCCTL
20h
Tamper Detect Pin 0 Control Register
RTCCAP0CTL
21h
Tamper Detect Pin 1 Control Register
RTCCAP1CTL
22h
RTC seconds Backup Register 0
RTCSECBAK0
30h
RTC minutes Backup Register 0
RTCMINBAK0
31h
RTC hours Backup Register 0
RTCHOURBAK0
32h
RTC days Backup Register 0
RTCDAYBAK0
33h
RTC month Backup Register 0
RTCMONBAK0
34h
RTC year Backup Register 0
RTCYEARBAK0
36h
RTC seconds Backup Register 1
RTCSECBAK1
38h
RTC minutes Backup Register 1
RTCMINBAK1
39h
RTC hours Backup Register 1
RTCHOURBAK1
3Ah
RTC days Backup Register 1
RTCDAYBAK1
3Bh
RTC month Backup Register 1
RTCMONBAK1
3Ch
RTC year Backup Register 1
RTCYEARBAK1
3Eh
48
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com