Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPEUR Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPEUR
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPEUR Datasheet(HTML) 53 Page - Texas Instruments

Back Button MSP430F6779IPEUR Datasheet HTML 49Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 50Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 51Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 52Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 53Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 54Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 55Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 56Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
Table 63. eUSCI_B1 Registers (Base Address: 0680h)
REGISTER DESCRIPTION
REGISTER
OFFSET
USCI_B control word 0
UCB0CTLW0
00h
USCI_B control word 1
UCB0CTLW1
02h
USCI_B bit rate 0
UCB0BR0
06h
USCI_B bit rate 1
UCB0BR1
07h
USCI_B status word
UCB0STATW
08h
USCI_B byte counter threshold
UCB0TBCNT
0Ah
USCI_B receive buffer
UCB0RXBUF
0Ch
USCI_B transmit buffer
UCB0TXBUF
0Eh
USCI_B I2C own address 0
UCB0I2COA0
14h
USCI_B I2C own address 1
UCB0I2COA1
16h
USCI_B I2C own address 2
UCB0I2COA2
18h
USCI_B I2C own address 3
UCB0I2COA3
1Ah
USCI_B received address
UCB0ADDRX
1Ch
USCI_B address mask
UCB0ADDMASK
1Eh
USCI I2C slave address
UCB0I2CSA
20h
USCI interrupt enable
UCB0IE
2Ah
USCI interrupt flags
UCB0IFG
2Ch
USCI interrupt vector word
UCB0IV
2Eh
Table 64. ADC10_A Registers (Base Address: 0740h)
REGISTER DESCRIPTION
REGISTER
OFFSET
ADC10_A Control register 0
ADC10CTL0
00h
ADC10_A Control register 1
ADC10CTL1
02h
ADC10_A Control register 2
ADC10CTL2
04h
ADC10_A Window Comparator Low Threshold
ADC10LO
06h
ADC10_A Window Comparator High Threshold
ADC10HI
08h
ADC10_A Memory Control Register 0
ADC10MCTL0
0Ah
ADC10_A Conversion Memory Register
ADC10MCTL0
12h
ADC10_A Interrupt Enable
ADC10IE
1Ah
ADC10_A Interrupt Flags
ADC10IGH
1Ch
ADC10_A Interrupt Vector Word
ADC10IV
1Eh
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com