Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPEUR Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPEUR
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPEUR Datasheet(HTML) 70 Page - Texas Instruments

Back Button MSP430F6779IPEUR Datasheet HTML 66Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 67Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 68Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 69Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 70Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 71Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 72Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 73Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
PMM, SVS Low Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SVSLE = 0, PMMCOREV = 2
0
nA
I(SVSL)
SVSL current consumption
SVSLE = 1, PMMCOREV = 2, SVSLFP = 0
200
nA
SVSLE = 1, PMMCOREV = 2, SVSLFP = 1
1.5
µA
SVSLE = 1, dVCORE/dt = 10 mV/µs, SVSLFP = 1
2.5
tpd(SVSL)
SVSL propagation delay
µs
SVSLE = 1, dVCORE/dt = 1 mV/µs, SVSLFP = 0
20
SVSLE = 0
→ 1, dVCORE/dt = 10 mV/µs,
12.5
SVSLFP = 1
t(SVSL)
SVSL on or off delay time
µs
SVSLE = 0
→ 1, dVCORE/dt = 1 mV/µs,
100
SVSLFP = 0
PMM, SVM Low Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SVMLE = 0, PMMCOREV = 2
0
nA
I(SVML)
SVML current consumption
SVMLE = 1, PMMCOREV = 2, SVMLFP = 0
200
nA
SVMLE = 1, PMMCOREV = 2, SVMLFP = 1
1.5
µA
SVMLE = 1, dVCORE/dt = 10 mV/µs, SVMLFP = 1
2.5
tpd(SVML)
SVML propagation delay
µs
SVMLE = 1, dVCORE/dt = 1 mV/µs, SVMLFP = 0
20
SVMLE = 0
→ 1, dVCORE/dt = 10 mV/µs,
12.5
SVMLFP = 1
t(SVML)
SVML on or off delay time
µs
SVMLE = 0
→ 1, dVCORE/dt = 1 mV/µs,
100
SVMLFP = 0
Wake-Up From Low-Power Modes and Reset
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Wake-up time from LPM2,
PMMCOREV = SVSMLRRL = n
fMCLK ≥ 4.0 MHz
5
tWAKE-UP-FAST
LPM3, or LPM4 to active
(where n = 0, 1, 2, or 3),
µs
fMCLK < 4.0 MHz
10
mode(1)
SVSLFP = 1
Wake-up time from LPM2,
PMMCOREV = SVSMLRRL = n
tWAKE-UP-SLOW
LPM3 or LPM4 to active
(where n = 0, 1, 2, or 3),
150
165
µs
mode(2)
SVSLFP = 0
Wake-up time from LPM4.5 to
tWAKE-UP-LPM4.5
2
3
ms
active mode(3)
Wake-up time from RST or
tWAKE-UP-RESET
2
3
ms
BOR event to active mode(3)
(1)
This value represents the time from the wakeup event to the first active edge of MCLK. The wakeup time depends on the performance
mode of the low side supervisor (SVSL) and low side monitor (SVML). Fastest wakeup times are possible with SVSLand SVML in full
performance mode or disabled when operating in AM, LPM0, and LPM1. Various options are available for SVSLand SVML while
operating in LPM2, LPM3, and LPM4. See the Power Management Module and Supply Voltage Supervisor chapter in the MSP430x5xx
and MSP430x6xx Family User's Guide (SLAU208).
(2)
This value represents the time from the wakeup event to the first active edge of MCLK. The wakeup time depends on the performance
mode of the low side supervisor (SVSL) and low side monitor (SVML). In this case, the SVSLand SVML are in normal mode (low current)
mode when operating in AM, LPM0, and LPM1. Various options are available for SVSLand SVML while operating in LPM2, LPM3, and
LPM4. See the Power Management Module and Supply Voltage Supervisor chapter in the MSP430x5xx and MSP430x6xx Family User's
Guide (SLAU208).
(3)
This value represents the time from the wakeup event to the reset vector execution.
70
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com