Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPEUR Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPEUR
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPEUR Datasheet(HTML) 73 Page - Texas Instruments

Back Button MSP430F6779IPEUR Datasheet HTML 69Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 70Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 71Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 72Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 73Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 74Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 75Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 76Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
Timer_A
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Internal: SMCLK or ACLK,
fTA
Timer_A input clock frequency
External: TACLK,
1.8 V, 3 V
25
MHz
Duty cycle = 50% ± 10%
All capture inputs.
tTA,cap
Timer_A capture timing
Minimum pulse duration required for
1.8 V, 3 V
20
ns
capture.
eUSCI (UART Mode) Recommended Operating Conditions
PARAMETER
CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Internal: SMCLK or ACLK,
feUSCI
eUSCI input clock frequency
External: UCLK,
fSYSTEM
MHz
Duty cycle = 50% ± 10%
BITCLK clock frequency
fBITCLK
5
MHz
(equals baud rate in MBaud)
eUSCI (UART Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
UCGLITx = 0
10
15
25
UCGLITx = 1
30
50
85
tt
UART receive deglitch time(1)
2 V, 3 V
ns
UCGLITx = 2
50
80
150
UCGLITx = 3
70
120
200
(1)
Pulses on the UART receive input (UCxRX) shorter than the UART receive deglitch time are suppressed. To ensure that pulses are
correctly recognized, their duration should exceed the maximum specification of the deglitch time.
eUSCI (SPI Master Mode) Recommended Operating Conditions
PARAMETER
CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Internal: SMCLK or ACLK,
feUSCI
eUSCI input clock frequency
fSYSTEM
MHz
Duty cycle = 50% ± 10%
eUSCI (SPI Master Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
UCSTEM = 0, UCMODEx = 01 or 10
2 V, 3 V
150
tSTE,LEAD
STE lead time, STE low to clock
ns
UCSTEM = 1, UCMODEx = 01 or 10
2 V, 3 V
150
UCSTEM = 0, UCMODEx = 01 or 10
2 V, 3 V
200
STE lag time, Last clock to STE
tSTE,LAG
ns
high
UCSTEM = 1, UCMODEx = 01 or 10
2 V, 3 V
200
2 V
50
UCSTEM = 0, UCMODEx = 01 or 10
3V
30
STE access time, STE low to
tSTE,ACC
ns
SIMO data out
2 V
50
UCSTEM = 1, UCMODEx = 01 or 10
3 V
30
2 V
40
UCSTEM = 0, UCMODEx = 01 or 10
3V
25
STE disable time, STE high to
tSTE,DIS
ns
SIMO high impedance
2 V
40
UCSTEM = 1, UCMODEx = 01 or 10
3 V
25
2 V
50
tSU,MI
SOMI input data setup time
ns
3 V
30
(1)
fUCxCLK = 1/2tLO/HI with tLO/HI = max(tVALID,MO(eUSCI) + tSU,SI(Slave), tSU,MI(eUSCI) + tVALID,SO(Slave)).
For the slave's parameters tSU,SI(Slave) and tVALID,SO(Slave) see the SPI parameters of the attached slave.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com