Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPEUR Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPEUR
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPEUR Datasheet(HTML) 82 Page - Texas Instruments

Back Button MSP430F6779IPEUR Datasheet HTML 78Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 79Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 80Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 81Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 82Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 83Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 84Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 85Page - Texas Instruments MSP430F6779IPEUR Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 157 page
background image
-200
0
200
400
600
800
1000
1200
1400
1600
-1
-0.5
0
0.5
1
1.5
2
2.5
3
Input Voltage – V
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
Figure 17. Input Leakage Current vs Input Voltage (Modulator OFF)
SD24_B Supply Currents
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
SD24GAIN: 1
3 V
490
600
SD24GAIN: 2
3 V
490
600
SD24GAIN: 4
3 V
490
600
SD24GAIN: 8
3 V
559
700
Analog plus digital supply current per
fSD24 = 1 MHz,
ISD,256
µA
converter (reference not included)
SD24OSR = 256
SD24GAIN: 16
3 V
559
700
SD24GAIN: 32
3 V
627
800
SD24GAIN: 64
3 V
627
800
SD24GAIN: 128
3 V
627
800
SD24GAIN: 1
3 V
600
700
Analog plus digital supply current per
fSD24 = 2 MHz,
ISD,512
SD24GAIN: 8
3 V
677
800
µA
converter (reference not included)
SD24OSR = 512
SD24GAIN: 32
3 V
740
900
SD24_B Performance
fSD24 = 1 MHz, SD24OSRx = 256, SD24REFON = 1
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SD24GAIN: 1
3 V
-0.01
+0.01
Integral nonlinearity, end-
INL
SD24GAIN: 8
3 V
-0.01
+0.01
% of FSR
point fit
SD24GAIN: 32
3 V
-0.01
+0.01
SD24GAIN: 1
3 V
1
SD24GAIN: 2
3 V
2
SD24GAIN: 4
3 V
4
SD24GAIN: 8
3 V
8
Gnom
Nominal gain
SD24GAIN: 16
3 V
16
SD24GAIN: 32
3 V
32
SD24GAIN: 64
3 V
64
SD24GAIN: 128
3 V
128
82
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com