Electronic Components Datasheet Search
  English  ▼

X  

ISP1507CBS Datasheet(PDF) 22 Page - NXP Semiconductors

Part # ISP1507CBS
Description  ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1507CBS Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button ISP1507CBS Datasheet HTML 18Page - NXP Semiconductors ISP1507CBS Datasheet HTML 19Page - NXP Semiconductors ISP1507CBS Datasheet HTML 20Page - NXP Semiconductors ISP1507CBS Datasheet HTML 21Page - NXP Semiconductors ISP1507CBS Datasheet HTML 22Page - NXP Semiconductors ISP1507CBS Datasheet HTML 23Page - NXP Semiconductors ISP1507CBS Datasheet HTML 24Page - NXP Semiconductors ISP1507CBS Datasheet HTML 25Page - NXP Semiconductors ISP1507CBS Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
ISP1507C_ISP1507D_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 28 May 2008
22 of 74
NXP Semiconductors
ISP1507C; ISP1507D
ULPI HS USB host and peripheral transceiver
The FAULT input pin is mapped to the A_VBUS_VLD bit in RXCMD. Any changes for the
FAULT input will trigger RXCMD carrying the FAULT condition with A_VBUS_VLD.
9.5 TXCMD and RXCMD
Commands between the ISP1507 and the link are described in the following subsections.
9.5.1 TXCMD
By default, the link must drive the ULPI bus to its idle state of 00h. To send commands and
USB packets, the link drives a nonzero value on DATA[7:0] to the ISP1507 by sending a
byte called TXCMD. Commands include USB packet transmissions, and register reads
and writes. Once the TXCMD is interpreted and accepted by the ISP1507, the NXT signal
is asserted and the link can follow up with the required number of data bytes. The TXCMD
byte format is given in Table 8. Any values other than those in Table 8 are illegal and may
result in undefined behavior.
Various TXCMD packet and register sequences are shown in later sections.
9.5.2 RXCMD
The ISP1507 communicates status information to the link by asserting DIR and sending
an RXCMD byte on the data bus. The RXCMD data byte format is given in Table 9.
The ISP1507 will automatically send an RXCMD whenever there is a change in any of the
RXCMD data fields. The link must be able to accept an RXCMD at any time; including
single RXCMDs, back-to-back RXCMDs, and RXCMDs at any time during USB receive
packets when NXT is LOW. An example is shown in Figure 6. For details and diagrams,
refer to
UTMI+ Low Pin Interface (ULPI) Specification Rev. 1.1.
An RXCMD may not be sent when exiting low-power mode or serial mode, if the interrupt
condition is removed before exiting.
Table 8.
TXCMD byte format
Command
type name
Command code
DATA[7:6]
Command
payload DATA[5:0]
Command
name
Command description
Idle
00b
00 0000b
NOOP
No operation. 00h is the idle value of the data bus. The
link must drive NOOP by default.
Packet
transmit
01b
00 0000b
NOPID
Transmit USB data that does not have a PID, such as
chirp and resume signaling. The ISP1507 starts
transmitting only after accepting the next data byte.
00 XXXXb
PID
Transmit USB packet. DATA[3:0] indicates USB packet
identifier PID[3:0].
Register
write
10b
10 1111b
EXTW
Extended register write command (optional). The 8-bit
address must be provided after the command is
accepted.
XX XXXXb
REGW
Register write command with 6-bit immediate address.
Register
read
11b
10 1111b
EXTR
Extended register read command (optional). The 8-bit
address must be provided after the command is
accepted.
XX XXXXb
REGR
Register read command with 6-bit immediate address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com