Electronic Components Datasheet Search
  English  ▼

X  

ISP1507CBS Datasheet(PDF) 49 Page - NXP Semiconductors

Part # ISP1507CBS
Description  ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1507CBS Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button ISP1507CBS Datasheet HTML 45Page - NXP Semiconductors ISP1507CBS Datasheet HTML 46Page - NXP Semiconductors ISP1507CBS Datasheet HTML 47Page - NXP Semiconductors ISP1507CBS Datasheet HTML 48Page - NXP Semiconductors ISP1507CBS Datasheet HTML 49Page - NXP Semiconductors ISP1507CBS Datasheet HTML 50Page - NXP Semiconductors ISP1507CBS Datasheet HTML 51Page - NXP Semiconductors ISP1507CBS Datasheet HTML 52Page - NXP Semiconductors ISP1507CBS Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
ISP1507C_ISP1507D_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 28 May 2008
49 of 74
NXP Semiconductors
ISP1507C; ISP1507D
ULPI HS USB host and peripheral transceiver
10.1.7 USB_INTR_STAT register
This register (see Table 33) indicates the current value of the interrupt source signal.
10.1.8 USB_INTR_L register
The bits of the USB_INTR_L register are automatically set by the ISP1507 when an
unmasked change occurs on the corresponding interrupt source signal. The ISP1507 will
automatically clear all bits when the link reads this register, or when the PHY enters
low-power mode.
Remark: It is optional for the link to read this register when the clock is running because
all signal information will automatically be sent to the link through the RXCMD byte.
The bit allocation of this register is given in Table 35.
Table 33.
USB_INTR_STAT - USB Interrupt Status register (address R = 13h) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
SESS_
END
SESS_
VALID
VBUS_
VALID
HOST_
DISCON
Reset
X
X
X
00000
Access
RRRRRRRR
Table 34.
USB_INTR_STAT - USB Interrupt Status register (address R = 13h) bit description
Bit
Symbol
Description
7 to 4
-
reserved
3
SESS_END
Session End: Reflects the current value of the session end voltage comparator.
2
SESS_VALID
Session Valid: Reflects the current value of the session valid voltage comparator.
1
VBUS_VALID
VBUS Valid: Reflects the current value of the VBUS valid voltage comparator.
0
HOST_DISCON
Host Disconnect: Reflects the current value of the host disconnect detector.
Table 35.
USB_INTR_L - USB Interrupt Latch register (address R = 14h) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
SESS_
END_L
SESS_
VALID_L
VBUS_
VALID_L
HOST_
DISCON_L
Reset
00000000
Access
RRRRRRRR
Table 36.
USB_INTR_L - USB Interrupt Latch register (address R = 14h) bit description
Bit
Symbol
Description
7 to 4
-
reserved
3
SESS_END_L
Session End Latch: Automatically set when an unmasked event occurs on SESS_END.
Cleared when this register is read.
2
SESS_VALID_L
Session Valid Latch: Automatically set when an unmasked event occurs on SESS_VLD.
Cleared when this register is read.
1
VBUS_VALID_L
VBUS Valid Latch: Automatically set when an unmasked event occurs on A_VBUS_VLD.
Cleared when this register is read.
0
HOST_DISCON_L
Host Disconnect Latch: Automatically set when an unmasked event occurs on
HOST_DISCON. Cleared when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com