Electronic Components Datasheet Search
  English  ▼

X  

ISP1507CBS Datasheet(PDF) 62 Page - NXP Semiconductors

Part # ISP1507CBS
Description  ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1507CBS Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button ISP1507CBS Datasheet HTML 58Page - NXP Semiconductors ISP1507CBS Datasheet HTML 59Page - NXP Semiconductors ISP1507CBS Datasheet HTML 60Page - NXP Semiconductors ISP1507CBS Datasheet HTML 61Page - NXP Semiconductors ISP1507CBS Datasheet HTML 62Page - NXP Semiconductors ISP1507CBS Datasheet HTML 63Page - NXP Semiconductors ISP1507CBS Datasheet HTML 64Page - NXP Semiconductors ISP1507CBS Datasheet HTML 65Page - NXP Semiconductors ISP1507CBS Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 74 page
background image
ISP1507C_ISP1507D_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 28 May 2008
62 of 74
NXP Semiconductors
ISP1507C; ISP1507D
ULPI HS USB host and peripheral transceiver
16. Application information
[1]
For detailed information and alternative interface options, refer to the
Interfacing to the ISP1507 (AN10080) application note.
[2]
For more information, contact Murata.
Table 54.
Recommended bill of materials
Designator[1]
Application
Value
Comment
Cbypass
highly recommended for all
applications
0.1
µF-
Cfilter
highly recommended for all
applications
4.7
µF ± 20 %; use a LOW
ESR capacitor (0.2
Ω to
2
Ω) for best performance
-
CVBUS
mandatory for peripherals
0.1
µF and 1 µFto10 µFin
parallel
-
mandatory for host
0.1
µF and 120 µF ± 20 %
(min) in parallel
-
mandatory for OTG
0.1
µF and 1 µFto6.5 µF
in parallel
-
DESD
recommended for all
ESD-sensitive applications
-
IP4359CX4/LF; Wafer-Level Chip-Scale
Package (WLCSP); ESD IEC 61000-4-2
level 4;
±15 kV contact; ±15 kV air discharge
compliant protection
Rpullup
recommended; for applications
with an external VBUS supply
controlled by PSW_N
4.7 k
Ω (recommended)
maximum value is determined by the voltage
drop on PSW_N caused by leakage into
PSW_N and the external supply control pin
RRREF
mandatory in all applications
12 k
Ω± 1%
-
RVBUS
strongly recommended for
peripheral or external 5 V
applications only
1k
Ω± 5%
-
RXTAL
required only for applications
driving a square wave into the
XTAL1 pin
47 k
Ω± 5 %
used to avoid floating input on the XTAL1 pin
XTAL
crystal is used
19.2 MHz
CL = 10 pF; RS < 220 Ω; CXTAL =18pF
26 MHz
CL = 10 pF; RS < 130 Ω; CXTAL =18pF
-
CSTCE26M0XK2***-R0[2]
CXTAL is not required
C(XTAL)SQ
required only for applications
driving a square wave into the
XTAL1 pin that has a DC offset
100 pF
used to AC couple the input square wave to
the XTAL1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com