Electronic Components Datasheet Search
  English  ▼

X  

ISP1507CBS Datasheet(PDF) 52 Page - NXP Semiconductors

Part # ISP1507CBS
Description  ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1507CBS Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button ISP1507CBS Datasheet HTML 48Page - NXP Semiconductors ISP1507CBS Datasheet HTML 49Page - NXP Semiconductors ISP1507CBS Datasheet HTML 50Page - NXP Semiconductors ISP1507CBS Datasheet HTML 51Page - NXP Semiconductors ISP1507CBS Datasheet HTML 52Page - NXP Semiconductors ISP1507CBS Datasheet HTML 53Page - NXP Semiconductors ISP1507CBS Datasheet HTML 54Page - NXP Semiconductors ISP1507CBS Datasheet HTML 55Page - NXP Semiconductors ISP1507CBS Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 74 page
background image
ISP1507C_ISP1507D_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 28 May 2008
52 of 74
NXP Semiconductors
ISP1507C; ISP1507D
ULPI HS USB host and peripheral transceiver
11. ElectroStatic Discharge (ESD)
11.1 ESD protection
The pins that are connected to the USB connector (DP, DM, VBUS and GND) have a
minimum of
±4 kV ESD protection. Capacitors 0.1 µF and 1 µF must be connected in
parallel from VBUS to GND to achieve this ±4 kV ESD protection (see Figure 20).
Remark: Capacitors 0.1
µF and 1 µF are also required by Universal Serial Bus
Specification Rev. 2.0. For details on the requirements for CVBUS, see Section 16.
11.2 ESD test conditions
A detailed report on test setup and results is available on request.
Fig 20. Human body ESD test model
RD
1500
Ω
RC
1 M
Ω
HIGH VOLTAGE
DC SOURCE
0.1
µF1 µF
VBUS
DEVICE UNDER
TEST
CS
100 pF
storage
capacitor
charge current
limit resistor
discharge
resistance
GND
A
B
004aaa881



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com