Electronic Components Datasheet Search
  English  ▼

X  

ISP1507CBS Datasheet(PDF) 53 Page - NXP Semiconductors

Part # ISP1507CBS
Description  ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1507CBS Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button ISP1507CBS Datasheet HTML 49Page - NXP Semiconductors ISP1507CBS Datasheet HTML 50Page - NXP Semiconductors ISP1507CBS Datasheet HTML 51Page - NXP Semiconductors ISP1507CBS Datasheet HTML 52Page - NXP Semiconductors ISP1507CBS Datasheet HTML 53Page - NXP Semiconductors ISP1507CBS Datasheet HTML 54Page - NXP Semiconductors ISP1507CBS Datasheet HTML 55Page - NXP Semiconductors ISP1507CBS Datasheet HTML 56Page - NXP Semiconductors ISP1507CBS Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
ISP1507C_ISP1507D_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 28 May 2008
53 of 74
NXP Semiconductors
ISP1507C; ISP1507D
ULPI HS USB host and peripheral transceiver
12. Limiting values
[1]
The ISP1507 has been tested according to the additional requirements listed in
Universal Serial Bus Specification Rev. 2.0,
Section 7.1.1. The short circuit withstand test and the AC stress test were performed for 24 hours, and the ISP1507 was found to be fully
operational after the test completed.
[2]
Equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω resistor (Human Body Model JESD22-A114D).
13. Recommended operating conditions
[1]
VCC(I/O) must be less than or equal to VCC.
Table 42.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
VCC(I/O)
input/output supply voltage
−0.5
+4.6
V
VI
input voltage
on pins STP, DATA[7:0] and
RESET_N/PSW_N
−0.5
VCC(I/O) + 0.5
V
on pin VBUS/FAULT
−0.5
+6.0
V
on pin XTAL1
−0.5
+2.5
V
on pins DP and DM
[1]
−0.5
+4.6
V
VESD
electrostatic discharge
voltage
on pins DP, DM, VBUS and GND;
ILI <1 µA
[2]
−4+4
kV
on all other pins; ILI < 1 µA
−2+2
kV
Ilu
latch-up current
−100
+100
mA
Vlu
latch-up voltage
-
4.6
V
Tstg
storage temperature
−40
+125
°C
Table 43.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
3.0
3.3
3.6
V
VCC(I/O)
input/output supply voltage
[1] 1.65
-
3.6
V
VI
input voltage
on pins STP, DATA[7:0] and
RESET_N/PSW_N
0-
VCC(I/O)
V
on pin VBUS/FAULT
0
-
5.5
V
on pins DP and DM
0
-
3.6
V
on pin XTAL1
0
-
1.95
V
Tamb
ambient temperature
−40
+25
+85
°C
Tj
junction temperature
−40
-
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com