Electronic Components Datasheet Search
  English  ▼

X  

ISP1507CBS Datasheet(PDF) 33 Page - NXP Semiconductors

Part # ISP1507CBS
Description  ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1507CBS Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button ISP1507CBS Datasheet HTML 29Page - NXP Semiconductors ISP1507CBS Datasheet HTML 30Page - NXP Semiconductors ISP1507CBS Datasheet HTML 31Page - NXP Semiconductors ISP1507CBS Datasheet HTML 32Page - NXP Semiconductors ISP1507CBS Datasheet HTML 33Page - NXP Semiconductors ISP1507CBS Datasheet HTML 34Page - NXP Semiconductors ISP1507CBS Datasheet HTML 35Page - NXP Semiconductors ISP1507CBS Datasheet HTML 36Page - NXP Semiconductors ISP1507CBS Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
ISP1507C_ISP1507D_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 28 May 2008
33 of 74
NXP Semiconductors
ISP1507C; ISP1507D
ULPI HS USB host and peripheral transceiver
9.10 USB suspend and resume
9.10.1 Full-speed and low-speed host-initiated suspend and resume
Figure 14 illustrates how a host or a hub places a full-speed or low-speed peripheral into
suspend and sometime later initiates resume signaling to wake up the downstream
peripheral. Note that Figure 14 timing is not to scale, and does not show all RXCMD
LINESTATE updates.
The sequence of events for a host and a peripheral, both with ISP1507, is as follows:
1. Idle: Initially, the host and the peripheral are idle. The host has its 15 k
Ω pull-down
resistors enabled (DP_PULLDOWN and DM_PULLDOWN are set to 1b) and 45
Ω
terminations disabled (TERMSELECT is set to 1b). The peripheral has the 1.5 k
Ω
pull-up resistor connected to DP for full-speed or DM for low-speed (TERMSELECT is
set to 1b).
2. Suspend: When the peripheral sees no bus activity for 3 ms, it enters the suspend
state. The peripheral link places the PHY into low-power mode by clearing the
SUSPENDM bit in the FUNC_CTRL register (see Section 10.1.2), causing the PHY to
draw only suspend current. The host may or may not be powered down.
3. Resume K: When the host wants to wake up the peripheral, it sets OPMODE[1:0] to
10b and transmits a K for at least 20 ms. The peripheral link sees the resume K on
LINESTATE, and asserts STP to wake up the PHY.
4. EOP: When STP is asserted, the ISP1507 on the host side automatically appends an
EOP of two bits of SE0 at low-speed bit rate, followed by one bit of J. The ISP1507 on
the host side knows to add the EOP because DP_PULLDOWN and DM_PULLDOWN
are set to 1b for a host. After the EOP is completed, the host link sets OPMODE[1:0]
to 00b for normal operation. The peripheral link sees the EOP and also resumes
normal operation.
DP and DM timing is not to scale.
Fig 13. Preamble sequence
CLOCK
D0
TXCMD (low-speed packet ID)
D1
DATA[7:0]
DIR
STP
NXT
004aaa714
DP or DM
FS SYNC
FS
PRE ID
IDLE (min
4 FS bits)
LS SYNC
LS PID
LS D0
LS D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com