| Electronic Components Datasheet Search |
|
ISP1507CBS Datasheet(PDF) 71 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
ISP1507CBS Datasheet(HTML) 71 Page - NXP Semiconductors |
|
71 / 74 page ![]() ISP1507C_ISP1507D_1 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 01 — 28 May 2008 71 of 74 NXP Semiconductors ISP1507C; ISP1507D ULPI HS USB host and peripheral transceiver 24. Tables Table 1. Ordering information . . . . . . . . . . . . . . . . . . . . .3 Table 2. Pin description . . . . . . . . . . . . . . . . . . . . . . . . . .5 Table 3. ULPI signal description . . . . . . . . . . . . . . . . . .13 Table 4. Signal mapping during low-power mode . . . . .14 Table 5. Signal mapping for 6-pin serial mode . . . . . . .15 Table 6. Signal mapping for 3-pin serial mode . . . . . . .16 Table 7. Operating states and their corresponding resistor settings . . . . . . . . . . . . . . . . . . . . . . . .16 Table 8. TXCMD byte format . . . . . . . . . . . . . . . . . . . . .22 Table 9. RXCMD byte format . . . . . . . . . . . . . . . . . . . . .23 Table 10. LINESTATE[1:0] encoding for upstream facing ports: peripherals . . . . . . . . . . . . . . . . .24 Table 11. LINESTATE[1:0] encoding for downstream facing ports: host . . . . . . . . . . . . . . . . . . . . . . .24 Table 12. Encoded VBUS voltage state . . . . . . . . . . . . . .24 Table 13. VBUS indicators in RXCMD required for typical applications . . . . . . . . . . . . . . . . . . . . . .25 Table 14. Encoded USB event signals . . . . . . . . . . . . . .26 Table 15. PHY pipeline delays . . . . . . . . . . . . . . . . . . . . .30 Table 16. Link decision times . . . . . . . . . . . . . . . . . . . . .31 Table 17. Immediate register set overview . . . . . . . . . . .43 Table 18. Extended register set overview . . . . . . . . . . . .43 Table 19. VENDOR_ID_LOW - Vendor ID Low register (address R = 00h) bit description . . . .44 Table 20. VENDOR_ID_HIGH - Vendor ID High register (address R = 01h) bit description . . . .44 Table 21. PRODUCT_ID_LOW - Product ID Low register (address R = 02h) bit description . . . .44 Table 22. PRODUCT_ID_HIGH - Product ID High register (address R = 03h) bit description . . . .44 Table 23. FUNC_CTRL - Function Control register (address R = 04h to 06h, W = 04h, S = 05h, C = 06h) bit allocation . . . . . . . . . . . . . . . . . . .44 Table 24. FUNC_CTRL - Function Control register (address R = 04h to 06h, W = 04h, S = 05h, C = 06h) bit description . . . . . . . . . . . . . . . . . .45 Table 25. INTF_CTRL - Interface Control register (address R = 07h to 09h, W = 07h, S = 08h, C = 09h) bit allocation . . . . . . . . . . . . . . . . . . .46 Table 26. INTF_CTRL - Interface Control register (address R = 07h to 09h, W = 07h, S = 08h, C = 09h) bit description . . . . . . . . . . . . . . . . . .46 Table 27. OTG_CTRL - OTG Control register (address R = 0Ah to 0Ch, W = 0Ah, S = 0Bh, C = 0Ch) bit allocation . . . . . . . . . . . . . . . . . . .47 Table 28. OTG_CTRL - OTG Control register (address R = 0Ah to 0Ch, W = 0Ah, S = 0Bh, C = 0Ch) bit description . . . . . . . . . . . . . . . . . .47 Table 29. USB_INTR_EN_R_E - USB Interrupt Enable Rising Edge register (address R = 0Dh to 0Fh, W = 0Dh, S = 0Eh, C = 0Fh) bit allocation . . . .48 Table 30. USB_INTR_EN_R_E - USB Interrupt Enable Rising Edge register (address R = 0Dh to 0Fh, W = 0Dh, S = 0Eh, C = 0Fh) bit description . .48 Table 31. USB_INTR_EN_F_E - USB Interrupt Enable Falling Edge register (address R = 10h to 12h, W = 10h, S = 11h, C = 12h) bit allocation . . . . 48 Table 32. USB_INTR_EN_F_E - USB Interrupt Enable Falling Edge register (address R = 10h to 12h, W = 10h, S = 11h, C = 12h) bit description . . . 48 Table 33. USB_INTR_STAT - USB Interrupt Status register (address R = 13h) bit allocation . . . . . 49 Table 34. USB_INTR_STAT - USB Interrupt Status register (address R = 13h) bit description . . . . 49 Table 35. USB_INTR_L - USB Interrupt Latch register (address R = 14h) bit allocation . . . . . . . . . . . 49 Table 36. USB_INTR_L - USB Interrupt Latch register (address R = 14h) bit description . . . . . . . . . . 49 Table 37. DEBUG - Debug register (address R = 15h) bit allocation . . . . . . . . . . . . . . . . . . . . . . . . . . 50 Table 38. DEBUG - Debug register (address R = 15h) bit description . . . . . . . . . . . . . . . . . . . . . . . . . 50 Table 39. SCRATCH - Scratch register (address R = 16h to 18h, W = 16h, S = 17h, C = 18h) bit description . . . . . . . . . . . . . . . . . . . . . . . . . 50 Table 40. PWR_CTRL - Power Control register (address R = 3Dh to 3Fh, W = 3Dh, S = 3Eh, C = 3Fh) bit allocation . . . . . . . . . . . . . . . . . . . 50 Table 41. PWR_CTRL - Power Control register (address R = 3Dh to 3Fh, W = 3Dh, S = 3Eh, C = 3Fh) bit description . . . . . . . . . . . . . . . . . . 51 Table 42. Limiting values . . . . . . . . . . . . . . . . . . . . . . . . . 53 Table 43. Recommended operating conditions . . . . . . . . 53 Table 44. Static characteristics: supply pins . . . . . . . . . . 54 Table 45. Static characteristics: digital pins (CLOCK, DIR, STP, NXT, DATA[7:0], RESET_N/PSW_N) . . . . . . . . . . . . . . . . . . . . . 54 Table 46. Static characteristics: pin VBUS/FAULT . . . . . . 55 Table 47. Static characteristics: analog I/O pins (DP, DM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55 Table 48. Static characteristics: VBUS comparators . . . . 57 Table 49. Static characteristics: VBUS resistors . . . . . . . . 57 Table 50. Static characteristics: resistor reference . . . . . 57 Table 51. Dynamic characteristics: reset and clock . . . . 58 Table 52. Dynamic characteristics: digital I/O pins . . . . . 58 Table 53. Dynamic characteristics: analog I/O pins (DP, DM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59 Table 54. Recommended bill of materials . . . . . . . . . . . . 62 Table 55. SnPb eutectic process (from J-STD-020C) . . . 67 Table 56. Lead-free process (from J-STD-020C) . . . . . . 67 Table 57. Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 68 Table 58. Revision history . . . . . . . . . . . . . . . . . . . . . . . . 69 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |