Electronic Components Datasheet Search
  English  ▼

X  

ISP1507CBS Datasheet(PDF) 56 Page - NXP Semiconductors

Part # ISP1507CBS
Description  ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1507CBS Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button ISP1507CBS Datasheet HTML 52Page - NXP Semiconductors ISP1507CBS Datasheet HTML 53Page - NXP Semiconductors ISP1507CBS Datasheet HTML 54Page - NXP Semiconductors ISP1507CBS Datasheet HTML 55Page - NXP Semiconductors ISP1507CBS Datasheet HTML 56Page - NXP Semiconductors ISP1507CBS Datasheet HTML 57Page - NXP Semiconductors ISP1507CBS Datasheet HTML 58Page - NXP Semiconductors ISP1507CBS Datasheet HTML 59Page - NXP Semiconductors ISP1507CBS Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
ISP1507C_ISP1507D_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 28 May 2008
56 of 74
NXP Semiconductors
ISP1507C; ISP1507D
ULPI HS USB host and peripheral transceiver
[1]
For high-speed USB and full-speed USB.
Termination
VTERM
termination voltage for upstream
facing port pull-up
for 1.5 k
Ω pull-up resistor
3.0
-
3.6
V
Resistance
RUP(DP)
pull-up resistance on pin DP
1425
1500
1575
Ω
High-speed USB transceiver
Input levels (differential receiver)
VHSSQ
high-speed squelch detection
threshold voltage (differential
signal amplitude)
100
-
150
mV
VHSDSC
high-speed disconnect detection
threshold voltage (differential
signal amplitude)
525
-
625
mV
VHSDI
high-speed differential input
sensitivity
|VDP − VDM|
300
-
-
mV
VHSCM
high-speed data signaling
common mode voltage range
(guideline for receiver)
includes VDI range
−50
-
+500
mV
VHSOI
high-speed idle level voltage
−10
-
+10
mV
VHSOL
high-speed data signaling
LOW-level voltage
−10
-
+10
mV
Output levels
VHSOH
high-speed data signaling
HIGH-level voltage
360
-
440
mV
VCHIRPJ
Chirp J level (differential voltage)
700
-
1100
mV
VCHIRPK
Chirp K level (differential voltage)
−900
-
−500
mV
Leakage current
ILZ
off-state leakage current
−1-
+1
µA
Capacitance
Cin
input capacitance
pin to GND
-
-
5
pF
Resistance
RDN(DP)
pull-down resistance on pin DP
14.25
15
15.75
k
Ω
RDN(DM)
pull-down resistance on pin DM
14.25
15
15.75
k
Ω
Termination
ZO(drv)(DP)
driver output impedance on pin DP steady-state drive
[1] 40.5
45
49.5
Ω
ZO(drv)(DM)
driver output impedance on
pin DM
steady-state drive
[1] 40.5
45
49.5
Ω
ZINP
input impedance exclusive of
pull-up/pull-down (for
low-/full-speed)
10
-
-
M
Ω
Table 47.
Static characteristics: analog I/O pins (DP, DM) …continued
VCC = 3.0 V to 3.6 V; VCC(I/O) = 1.65 V to 3.6 V; Tamb = −40 °Cto+85 °C; unless otherwise specified.
Typical values are at VCC = 3.3 V; VCC(I/O) = 3.3 V; Tamb = +25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com