Electronic Components Datasheet Search
  English  ▼

X  

ISP1507CBS Datasheet(PDF) 57 Page - NXP Semiconductors

Part # ISP1507CBS
Description  ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1507CBS Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button ISP1507CBS Datasheet HTML 53Page - NXP Semiconductors ISP1507CBS Datasheet HTML 54Page - NXP Semiconductors ISP1507CBS Datasheet HTML 55Page - NXP Semiconductors ISP1507CBS Datasheet HTML 56Page - NXP Semiconductors ISP1507CBS Datasheet HTML 57Page - NXP Semiconductors ISP1507CBS Datasheet HTML 58Page - NXP Semiconductors ISP1507CBS Datasheet HTML 59Page - NXP Semiconductors ISP1507CBS Datasheet HTML 60Page - NXP Semiconductors ISP1507CBS Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 74 page
background image
ISP1507C_ISP1507D_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 28 May 2008
57 of 74
NXP Semiconductors
ISP1507C; ISP1507D
ULPI HS USB host and peripheral transceiver
Table 48.
Static characteristics: VBUS comparators
VCC = 3.0 V to 3.6 V; VCC(I/O) = 1.65 V to 3.6 V; Tamb = −40 °Cto+85 °C; unless otherwise specified.
Typical values are at VCC = 3.3 V; VCC(I/O) = 3.3 V; Tamb = +25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VA_VBUS_VLD
A-device VBUS valid voltage
4.4
4.5
4.65
V
VB_SESS_VLD
B-device session valid voltage
for A-device and
B-device
0.8
1.6
2.0
V
Vhys(B_SESS_VLD) B-device session valid hysteresis
voltage
70
140
200
mV
VB_SESS_END
B-device session end voltage
0.2
0.5
0.8
V
Table 49.
Static characteristics: VBUS resistors
VCC = 3.0 V to 3.6 V; VCC(I/O) = 1.65 V to 3.6 V; Tamb = −40 °Cto+85 °C; unless otherwise specified.
Typical values are at VCC = 3.3 V; VCC(I/O) = 3.3 V; Tamb = +25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RUP(VBUS)
pull-up resistance on
pin VBUS
connect to pin REG3V3 when
CHRG_VBUS is logic 1
281
680
-
Ω
RDN(VBUS)
pull-down resistance on
pin VBUS
connect to GND when
DISCHRG_VBUS is logic 1
656
850
-
Ω
RI(idle)(VBUS)
idle input resistance on
pin VBUS
40
57
80
k
Ω
Table 50.
Static characteristics: resistor reference
VCC = 3.0 V to 3.6 V; VCC(I/O) = 1.65 V to 3.6 V; Tamb = −40 °Cto+85 °C; unless otherwise specified.
Typical values are at VCC = 3.3 V; VCC(I/O) = 3.3 V; Tamb = +25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VO(RREF)
output voltage on pin RREF
SUSPENDM is logic 1
-
1.22
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com