Electronic Components Datasheet Search
  English  ▼

X  

ISP1507CBS Datasheet(PDF) 35 Page - NXP Semiconductors

Part # ISP1507CBS
Description  ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1507CBS Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button ISP1507CBS Datasheet HTML 31Page - NXP Semiconductors ISP1507CBS Datasheet HTML 32Page - NXP Semiconductors ISP1507CBS Datasheet HTML 33Page - NXP Semiconductors ISP1507CBS Datasheet HTML 34Page - NXP Semiconductors ISP1507CBS Datasheet HTML 35Page - NXP Semiconductors ISP1507CBS Datasheet HTML 36Page - NXP Semiconductors ISP1507CBS Datasheet HTML 37Page - NXP Semiconductors ISP1507CBS Datasheet HTML 38Page - NXP Semiconductors ISP1507CBS Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 74 page
background image
ISP1507C_ISP1507D_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 28 May 2008
35 of 74
NXP Semiconductors
ISP1507C; ISP1507D
ULPI HS USB host and peripheral transceiver
The sequence of events related to a host and a peripheral, both with ISP1507, is as
follows:
1. High-speed idle: Initially, the host and the peripheral are idle. The host has its 15 k
Ω
pull-down resistors enabled (DP_PULLDOWN and DM_PULLDOWN are set to 1b)
and 45
Ω terminations enabled (TERMSELECT is set to 0b). The peripheral has its
45
Ω terminations enabled (TERMSELECT is set to 0b).
2. Full-speed suspend: When the peripheral sees no bus activity for 3 ms, it enters the
suspend state. The peripheral link places the ISP1507 into full-speed mode
(XCVRSELECT is set to 01b), removes 45
Ω terminations, and enables the 1.5 kΩ
pull-up resistor on DP (TERMSELECT is set to 1b). The peripheral link then places
the ISP1507 into low-power mode by clearing SUSPENDM, causing the ISP1507 to
draw only suspend current. The host also changes the ISP1507 to full-speed
(XCVRSELECT is set to 01b), removes 45
Ω terminations (TERMSELECT is set to
1b), and then may or may not be powered down.
3. Resume K: When the host wants to wake up the peripheral, it sets OPMODE to 10b
and transmits a full-speed K for at least 20 ms. The peripheral link sees the resume K
(10b) on LINESTATE, and asserts STP to wake up the ISP1507.
4. High-speed traffic: The host link sets high-speed (XCVRSELECT is set to 00b) and
enables its 45
Ω terminations (TERMSELECT is set to 0b). The peripheral link sees
SE0 on LINESTATE and also sets high-speed (XCVRSELECT is set to 00b), and
enables its 45
Ω terminations (TERMSELECT is set to 0b). The host link sets
OPMODE to 00b for normal high-speed operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com