Electronic Components Datasheet Search
  English  ▼

X  

7PV Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # 7PV
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7PV Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button 7PV Datasheet HTML 28Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 29Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 30Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 31Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 32Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 33Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 34Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 35Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 114 page
background image
SIMOCODE 3UF Motor Management and Control Devices
SIMOCODE-DP 3UF5
motor protection and control devices
7/32
Siemens LV 1 T · 2006
Short-circuit protection with fuses for motor feeders
with short-circuit currents up to 50 kA at 690 V for 3RB1 2 and 3UF5 0, Part 2
1) Note the operational voltage.
2) Assignment and short-circuit protective devices
acc. to IEC 60947-4-1:
Type of coordination "1": Contactors or starters must not endanger
persons or equipment in the event of a short-circuit. They do not have to
be suitable for further operation without repair and the renewal of parts.
Type of coordination "2": Contactors or starters must not endanger
persons or equipment in the event of a short-circuit and must be suitable
for continued use. There is a risk of contact welding.
3) Contactors mountable.
4) Ensure that the maximum AC-3 operational current is sufficiently different
from the rated fuse current.
Basic units
Contactors
Fuse links1)
690 V
415 V
600 V
LV HRC
DIAZED
NEOZED
Operational class gL
(gG)
Type 3NA
Type 5SB
Type 5SE
Type 3ND
aM
British Standards
fuses BS88
UL-listed fuses RK5/L
Type of coordination2)
1
2
500
Setting range 1.25 ... 6.3 A
3UF5 00
3RT1 015
35
20
20
25
3RT1 016
35
20
20
25
3RT1 017
35
20
20
25
Setting range 6.3 ... 25 A
3UF5 01
3RT1 015
35
20
20
60
3RT1 016
35
20
20
60
3RT1 017
35
20
20
60
3RT1 024
63
25
20
25
70
3RT1 025
63
25
20
25
70
3RT1 026
100
35
20
25
100
3RT1 034
125
63
50
63
100
3RT1 035
125
63
50
63
100
Setting range 25 ... 100 A
3UF5 02
3RT1 034
125
63
50
63
125
3RT1 035
125
63
50
80
150
3RT1 036
160
80
50
80
200
3RT1 044
250
125
63
125
250
3RT1 045
250
160
80
160
250
3RT1 046
250
160
100
160
350
Setting range 50 ... 205 A
3UF5 03
3RT1 054
355
315
160
250
450
3RT1 055
355
315
200
315
500
3RT1 056
355
315
200
315
500
Setting range 125 ... 500 A
3UF5 04
3RT1 064
500
400
250
400
700
3RT1 065
500
400
315
400
800
3RT1 066
500
400
315
400
800
3RT1 075
630
400
400
450
1000
3RT1 076
630
500
500
500
1200
3RT1 264
500
500
400
450
800
3RT1 265
500
500
400
450
800
3RT1 266
500
500
400
450
800
3RT1 275
800
800
630
800
1200
3RT1 276
800
800
630
800
1200
Setting range 200 ... 820 A
3UF5 05
3TF6 83)
1000
5004)
630
500
1200
3TF6 93)
1250
6304)
630
630
2000 CLASS L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com